Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  2 * 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 29Page - Texas Instruments TAS5731MPHPR Datasheet HTML 30Page - Texas Instruments TAS5731MPHPR Datasheet HTML 31Page - Texas Instruments TAS5731MPHPR Datasheet HTML 32Page - Texas Instruments TAS5731MPHPR Datasheet HTML 33Page - Texas Instruments TAS5731MPHPR Datasheet HTML 34Page - Texas Instruments TAS5731MPHPR Datasheet HTML 35Page - Texas Instruments TAS5731MPHPR Datasheet HTML 36Page - Texas Instruments TAS5731MPHPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
D7
D0 ACK
Stop
Condition
Acknowledge
I CDevice Addressand
2
Read/WriteBit
Subaddress
LastDataByte
A6
A5
A1
A0 R/W ACK A7
A5
A1
A0
ACK D7
ACK
Start
Condition
Acknowledge
Acknowledge
Acknowledge
FirstDataByte
A4
A3
A6
OtherDataBytes
ACK
Acknowledge
D0
D7
D0
T0036-02
A6
A5
A4
A3
A2
A1
A0
R/W ACK A7
A6
A5
A4
A3
A2
A1
A0
ACK
D7
D6
D5
D4
D3
D2
D1
D0 ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I CDevice Addressand
2
Read/WriteBit
Subaddress
DataByte
T0036-01
TAS5731M
www.ti.com
SLOS838B – JULY 2013 – REVISED NOVEMBER 2013
Supplying a subaddress for each subaddress transaction is referred to as random I2C addressing. The
TAS5731M also supports sequential I2C addressing. For write transactions, if a subaddress is issued followed by
data for that subaddress and the 15 subaddresses that follow, a sequential I2C write transaction has taken place,
and the data for all 16 subaddresses is successfully received by the TAS5731M. For I2C sequential-write
transactions, the subaddress then serves as the start address, and the amount of data subsequently transmitted,
before a stop or start is transmitted, determines how many subaddresses are written. As was true for random
addressing, sequential addressing requires that a complete set of data be transmitted. If only a partial set of data
is written to the last subaddress, the data for the last subaddress is discarded. However, all other data written is
accepted; only the incomplete data is discarded.
Single-Byte Write
As shown in Figure 56, a single-byte data-write transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. The read/write bit determines the direction of
the data transfer. For a data-write transfer, the read/write bit is a 0. After receiving the correct I2C device address
and the read/write bit, the DAP responds with an acknowledge bit. Next, the master transmits the address byte or
bytes corresponding to the TAS5731M internal memory address being accessed. After receiving the address
byte, the TAS5731M again responds with an acknowledge bit. Next, the master device transmits the data byte to
be written to the memory address being accessed. After receiving the data byte, the TAS5731M again responds
with an acknowledge bit. Finally, the master device transmits a stop condition to complete the single-byte data-
write transfer.
Figure 56. Single-Byte Write Transfer
Multiple-Byte Write
A multiple-byte data-write transfer is identical to a single-byte data-write transfer except that multiple data bytes
are transmitted by the master device to the DAP as shown in Figure 57. After receiving each data byte, the
TAS5731M responds with an acknowledge bit.
Figure 57. Multiple-Byte Write Transfer
Copyright © 2013, Texas Instruments Incorporated
33
Product Folder Links :TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com