Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  2 * 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 58 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 54Page - Texas Instruments TAS5731MPHPR Datasheet HTML 55Page - Texas Instruments TAS5731MPHPR Datasheet HTML 56Page - Texas Instruments TAS5731MPHPR Datasheet HTML 57Page - Texas Instruments TAS5731MPHPR Datasheet HTML 58Page - Texas Instruments TAS5731MPHPR Datasheet HTML 59Page - Texas Instruments TAS5731MPHPR Datasheet HTML 60Page - Texas Instruments TAS5731MPHPR Datasheet HTML 61Page - Texas Instruments TAS5731MPHPR Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
TAS5731M
SLOS838B – JULY 2013 – REVISED NOVEMBER 2013
www.ti.com
BANK SWITCH AND EQ CONTROL (0x50)
Table 23. Bank Switching Command
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
–
–
–
–
–
–
–
32 kHz, does not use bank 3 (1)
1
–
–
–
–
–
–
–
32 kHz, uses bank 3
–
0
–
–
–
–
–
–
Reserved(1)
–
–
0
–
–
–
–
–
Reserved(1)
–
–
–
0
–
–
–
–
44.1/48 kHz, does not use bank 3 (1)
–
–
–
1
–
–
–
–
44.1/48 kHz, uses bank 3
–
–
–
–
0
–
–
–
16 kHz, does not use bank 3
–
–
–
–
1
–
–
–
16 kHz, uses bank 3 (1)
–
–
–
–
–
0
–
–
22.025/24 kHz, does not use bank 3
–
–
–
–
–
1
–
–
22.025/24 kHz, uses bank 3 (1)
–
–
–
–
–
–
0
–
8 kHz, does not use bank 3
–
–
–
–
–
–
1
–
8 kHz, uses bank 3 (1)
–
–
–
–
–
–
–
0
11.025 kHz/12, does not use bank 3
–
–
–
–
–
–
–
1
11.025/12 kHz, uses bank 3 (1)
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
–
–
–
–
–
–
–
32 kHz, does not use bank 2 (1)
1
–
–
–
–
–
–
–
32 kHz, uses bank 2
–
1
–
–
–
–
–
–
Reserved (1)
–
–
1
–
–
–
–
–
Reserved (1)
–
–
–
0
–
–
–
–
44.1/48 kHz, does not use bank 2
–
–
–
1
–
–
–
–
44.1/48 kHz, uses bank 2 (1)
–
–
–
–
0
–
–
–
16 kHz, does not use bank 2 (1)
–
–
–
–
1
–
–
–
16 kHz, uses bank 2
–
–
–
–
–
0
–
–
22.025/24 kHz, does not use bank 2 (1)
–
–
–
–
–
1
–
–
22.025/24 kHz, uses bank 2
–
–
–
–
–
–
0
–
8 kHz, does not use bank 2 (1)
–
–
–
–
–
–
1
–
8 kHz, uses bank 2
–
–
–
–
–
–
–
0
11.025/12 kHz, does not use bank 2 (1)
–
–
–
–
–
–
–
1
11.025/12 kHz, uses bank 2
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
–
–
–
–
–
–
–
32 kHz, does not use bank 1
1
–
–
–
–
–
–
–
32 kHz, uses bank 1 (1)
–
0
–
–
–
–
–
–
Reserved(1)
–
–
0
–
–
–
–
–
Reserved(1)
–
–
–
0
–
–
–
–
44.1/48 kHz, does not use bank 1 (1)
–
–
–
1
–
–
–
–
44.1/48 kHz, uses bank 1
–
–
–
–
0
–
–
–
16 kHz, does not use bank 1 (1)
–
–
–
–
1
–
–
–
16 kHz, uses bank 1
–
–
–
–
–
0
–
–
22.025/24 kHz, does not use bank 1 (1)
–
–
–
–
–
1
–
–
22.025/24 kHz, uses bank 1
–
–
–
–
–
–
0
–
8 kHz, does not use bank 1 (1)
–
–
–
–
–
–
1
–
8 kHz, uses bank 1
–
–
–
–
–
–
–
0
11.025/12 kHz, does not use bank 1 (1)
–
–
–
–
–
–
–
1
11.025/12 kHz, uses bank 1
(1)
Default values are in bold.
58
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com