Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  2 * 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 1 Page - Texas Instruments

  TAS5731MPHPR Datasheet HTML 1Page - Texas Instruments TAS5731MPHPR Datasheet HTML 2Page - Texas Instruments TAS5731MPHPR Datasheet HTML 3Page - Texas Instruments TAS5731MPHPR Datasheet HTML 4Page - Texas Instruments TAS5731MPHPR Datasheet HTML 5Page - Texas Instruments TAS5731MPHPR Datasheet HTML 6Page - Texas Instruments TAS5731MPHPR Datasheet HTML 7Page - Texas Instruments TAS5731MPHPR Datasheet HTML 8Page - Texas Instruments TAS5731MPHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
0
5
10
15
20
25
30
35
40
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
2 Layer Continuous Power
4 Layer Continuous Power
Instantaneous Power
C014
2.0 BTL Mode
R
L = 8Ÿ
T
A = 25ƒC
0
10
20
30
40
50
60
70
80
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
2 Layer Continuous Power
4 Layer Continuous Power
Instantaneous Power
C039
PBTL Mode
R
L = 4Ÿ
T
A = 25ƒC
TAS5731M
www.ti.com
SLOS838B – JULY 2013 – REVISED NOVEMBER 2013
2 × 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
Check for Samples: TAS5731M
1
FEATURES
APPLICATIONS
2
•
2-Ch I2S Input; 8-kHz to 48-kHz fS
•
LCD TV
•
30-W Stereo, 8
Ω/24 V (THD+N = 10%)
•
LED TV
•
Up to 90% Efficient Operation
•
Sound Bar
•
Wide 8-V to- 24-V Supply Range; 3.3-V Digital
DESCRIPTION
Supply
The TAS5731M is a 30-W, efficient, digital-audio
•
Single-Device 2.1 Support (2 × SE + 1 × BTL)
stereo power amplifier for driving stereo bridge-tied
•
80-m
Ω RDS(on) Device That Can Support 2-Ω SE
speakers. One serial data input allows processing of
and 4-
Ω BTL Modes
up to two discrete audio channels and seamless
integration to most digital audio processors and
–
12 V / 2
Ω / 8 W With SE mode
MPEG decoders. The device accepts a wide range of
–
12 V / 4
Ω / 15 W With BTL mode
input data and data rates. A fully programmable data
•
Speaker EQ (8 BQ per Channel), 2× DRCs
path routes these channels to the internal speaker
•
Pin-to-Pin Compatible With the TAS5727 and
drivers.
TAS5731
The TAS5731M is a slave-only device receiving all
•
Benefits
clocks
from
external
sources.
The
TAS5731M
operates with a PWM carrier between a 384-kHz
–
Direct Connect to Digital Processor
switching
rate
and
a
352-kHz
switching
rate,
–
High Output Power From a Standard
depending on the input sample rate. Oversampling
Supply
combined with a fourth-order noise shaper provides a
–
Eliminates Need for Heat Sink
flat noise floor and excellent dynamic range from
20 Hz to 20 kHz.
–
Advanced Processing Improves Audio
Experience
Figure 1. Power vs Supply Voltage (2.0 BTL Mode)
Figure 2. Power vs Supply Voltage (PBTL Mode)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5731MPHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5731MPHPR TI1-TAS5731MPHPR Datasheet
2Mb / 81P
Digital Audio Power Amplifier
More results

Similar Description - TAS5731MPHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Cirrus Logic
CS4525 CIRRUS-CS4525_07 Datasheet
1Mb / 98P
30 W Digital Audio Amplifier with Integrated ADC
CS4525 CIRRUS-CS4525_08 Datasheet
1Mb / 98P
30 W Digital Audio Amplifier with Integrated ADC
logo
Texas Instruments
TAS5711 TI-TAS5711 Datasheet
1Mb / 64P
20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5731 TI1-TAS5731 Datasheet
1Mb / 58P
2 횞 20-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
logo
Anpec Electronics Corop...
APA3169 ANPEC-APA3169 Datasheet
1Mb / 53P
20W Stereo Digital Class-D Audio Power Amplifier with EQ, DRC and 2.1 Mode
logo
Texas Instruments
TAS5711 TI1-TAS5711_14 Datasheet
2Mb / 67P
20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5731 TI-TAS5731_15 Datasheet
1Mb / 59P
2 횞 20-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
TAS5731M TI-TAS5731M_15 Datasheet
2Mb / 81P
TAS5731M 2 횞 30-W Digital Audio Power Amplifier With DSP and 2.1 Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com