Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHPR
Description  2 * 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 6Page - Texas Instruments TAS5731MPHPR Datasheet HTML 7Page - Texas Instruments TAS5731MPHPR Datasheet HTML 8Page - Texas Instruments TAS5731MPHPR Datasheet HTML 9Page - Texas Instruments TAS5731MPHPR Datasheet HTML 10Page - Texas Instruments TAS5731MPHPR Datasheet HTML 11Page - Texas Instruments TAS5731MPHPR Datasheet HTML 12Page - Texas Instruments TAS5731MPHPR Datasheet HTML 13Page - Texas Instruments TAS5731MPHPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
TAS5731M
SLOS838B – JULY 2013 – REVISED NOVEMBER 2013
www.ti.com
DC Characteristics (continued)
TA = 25°, PVDD_x = 18 V, DVDD = AVDD = 3.3 V, RL= 8 Ω, BTL AD mode, fS = 48 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OTE(3)
Overtemperature error
150
°C
Extra temperature drop
OTEHYST
(3)
30
°C
required to recover from error
IOC
Overcurrent limit protection
Output to output short in BTL mode
4.5
A
IOCT
Overcurrent response time
150
ns
(3)
Specified by design
AC Characteristics (BTL, PBTL)
PVDD_x = 18 V, BTL AD mode, fS = 48 kHz, RL = 8 Ω, CBST = 10 nF, audio frequency = 1 kHz, AES17 filter,
fPWM = 384 kHz, TA = 25°C (unless otherwise specified). All performance is in accordance with recommended operating
conditions (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BTL mode, PVDD = 8 V, RL = 8 Ω, 7% THD
3.9
BTL mode, PVDD = 8 V, RL = 8 Ω,10% THD
4.2
BTL mode, PVDD = 12 V, RL = 8 Ω, 7% THD
8
BTL mode, PVDD = 12 V, RL = 8 Ω,10% THD
9.6
BTL mode, PVDD = 18 V, RL = 8 Ω, 7% THD
18.7
BTL mode, PVDD = 18 V, RL = 8 Ω, 10% THD
21.2
BTL mode, PVDD = 24 V, RL = 8 Ω, 7% THD
32.6
BTL mode, PVDD = 24 V, RL = 8 Ω, 10% THD
37.2
PBTL mode, PVDD = 12 V, RL = 4 Ω, 7% THD
16.5
PBTL mode, PVDD = 12 V, RL = 4 Ω, 10% THD
17.9
PO
Power output per channel
W
PBTL mode, PVDD = 18 V, RL = 4 Ω, 7% THD
37
PBTL mode, PVDD = 18 V, RL = 4 Ω, 10% THD
39.6
PBTL mode, PVDD = 24 V, RL = 4 Ω, 10% THD
66
PBTL mode, PVDD = 24 V, RL = 4 Ω, 10% THD
69.6
SE Mode, PVDD = 12 V, RL = 4
Ω, 7% THD
4.2
SE Mode, PVDD = 12 V, RL = 4
Ω, 10% THD
4.6
SE Mode, PVDD = 18 V, RL = 4
Ω, 7% THD
9.6
SE Mode, PVDD = 18 V, RL = 4
Ω, 10% THD
10.2
SE Mode, PVDD = 24 V, RL = 4
Ω, 7% THD
17.1
SE Mode, PVDD = 24 V, RL = 4
Ω, 10% THD
18.1
PVDD = 8 V, PO = 1 W
0.15
PVDD = 12 V, PO = 1 W
0.03
THD+N
Total harmonic distortion + noise
%
PVDD = 18 V, PO = 1 W
0.04
PVDD = 24 V, PO = 1 W
0.1
Vn
Output integrated noise (rms)
A-weighted
46
μV
Cross-talk
PO = 0.25 W, f = 1 kHz (AD Mode)
–67
dB
A-weighted, f = 1 kHz, maximum power at THD <
SNR
Signal-to-noise ratio(1)
104
dB
1%
(1)
SNR is calculated relative to 0-dBFS input level.
10
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com