Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252-2 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # TO-252-2
Description  TO-251/TO-252-2 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

TO-252-2 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  TO-252-2 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD TO-252-2 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-251/TO-252-2 Plastic-Encapsulate Transistors
MJD112
TRANSISTOR (NPN)
FEATURES
Complementary darlington power transistors
dpak for surface mount applications
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
2
A
PC
Collector Power Dissipation
1
W
RθJC
Thermal resistance, junction to case
6.25
℃/W
RθJA
Thermal resistance, junction to Ambient
71.4
℃/W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=1mA,IE=0
100
V
Collector-emitter breakdown voltage
V(BR)CEO
IC =30mA,IB=0
100
V
Emitter-base breakdown voltage
V(BR)EBO
IE=5mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=100V,IE=0
20
µA
Collector-emitter cut-off current
ICEO
VCE=50V,IE=0
20
µA
Emitter cut-off current
IEBO
VEB=5V,IC=0
2
mA
hFE(1)
VCE=3V,IC=500mA
500
hFE(2)
VCE=3V,IC=2A
1000
12000
DC current gain
hFE(3)
VCE=3V,IC=4A
200
VCE(sat)1
IC=2A,IB=8mA
2
V
Collector-emitter saturation voltage
VCE(sat)2
IC=4A,IB=40mA
3
V
Base-emitter voltage
VBE
VCE=3V,IC=2A
2.8
V
Transition frequency
fT
VCE=10V,IC=0.75A,f=1MHz
25
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=0.1MHz
100
pF
TO-251
TO-252-2
1. BASE
2. COLLECTOR
3. EMITTER
MJD112
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.,LTD
RoHS


Similar Part No. - TO-252-2

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
TO-252-2 AME-TO-252-2 Datasheet
39Kb / 1P
A : MIN 0.43 MAX 0.58 B : MIN 1.60 MAX 1.95
logo
SHENZHEN YONGERJIA INDU...
TO-252-2 WINNERJOIN-TO-252-2 Datasheet
130Kb / 2P
TRANSISTOR (NPN)
TO-252-2 WINNERJOIN-TO-252-2 Datasheet
171Kb / 2P
TRANSISTOR (NPN)
TO-252-2 WINNERJOIN-TO-252-2 Datasheet
123Kb / 1P
TRANSISTOR (PNP)
logo
Nanjing International G...
TO-252-2L DGNJDZ-TO-252-2L Datasheet
616Kb / 2P
T O-251-3L/TO-252-2L Plastic-Encapsulate Regulators
More results

Similar Description - TO-252-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2611 ETC-C2611 Datasheet
852Kb / 1P
TO-251 Plastic-Encapsulate Transistors
3DD13002 ETC-3DD13002 Datasheet
51Kb / 1P
TO-251 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
LM78M05P TGS-LM78M05P Datasheet
127Kb / 2P
TO-251 Plastic-Encapsulate Transistors
logo
ZP Semiconductor
CJ78M06-TO251-3L ZPSEMI-CJ78M06-TO251-3L Datasheet
651Kb / 1P
TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M08-TO251-3L ZPSEMI-CJ78M08-TO251-3L Datasheet
613Kb / 1P
TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M12-TO251-3L ZPSEMI-CJ78M12-TO251-3L Datasheet
1,002Kb / 1P
TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M15 ZPSEMI-CJ78M15 Datasheet
1Mb / 2P
TO-251/TO-252-2L Plastic-Encapsulate Regulators
CJ7812-TO251 ZPSEMI-CJ7812-TO251 Datasheet
519Kb / 1P
TO-251/TO-252-2L Plastic-Encapsulate Voltage Regulators
logo
Shenzhen Huazhimei Semi...
HM78M05 HMSEMI-HM78M05 Datasheet
384Kb / 2P
TO-251/TO-252-2L Plastic-Encapsulate Transistors
logo
Shenzhen Tuofeng Semico...
LM78M05 TUOFENG-LM78M05 Datasheet
822Kb / 2P
TO-251/TO-252-2L Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com