Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP155 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP155
Description  Energy Efficient Off-line Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP155 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP155 Datasheet HTML 5Page - Monolithic Power Systems MP155 Datasheet HTML 6Page - Monolithic Power Systems MP155 Datasheet HTML 7Page - Monolithic Power Systems MP155 Datasheet HTML 8Page - Monolithic Power Systems MP155 Datasheet HTML 9Page - Monolithic Power Systems MP155 Datasheet HTML 10Page - Monolithic Power Systems MP155 Datasheet HTML 11Page - Monolithic Power Systems MP155 Datasheet HTML 12Page - Monolithic Power Systems MP155 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MP155 – ENERGY EFFICIENT OFF-LINE REGULATOR
MP155 Rev. 1.12
www.MonolithicPower.com
9
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP155 is a green-mode-operation regulator.
The peak current and the switching frequency
both decrease as the load decreases to provide
excellent efficiency at light load, and thus
improve the overall average efficiency. The
typical application diagram shows that the
regulator operates using a minimal number of
external
components.
It
incorporates
the
following features:
Start-up and Under Voltage Lock-out
The internal high-voltage regulator supplies IC
from the Drain pin. The IC starts switching and
the internal high voltage regulator turns off when
the voltage on VCC reaches 5.6V. When the
VCC voltage drops below 5.3V, the internal high
voltage regulator turns on again to charge the
external VCC capacitor. Use a capacitor in the
several µF range stabilize the VCC voltage and
this can lower the cost by decreasing the value of
the capacitor.
When the voltage on VCC drops blow 3.4V, the
IC stops, then the internal high-voltage regulator
charges the VCC capacitor.
When faults occur, such as overload, short circuit,
and over-heating, the IC stops working and an
internal current source (16µA) discharges the VCC
capacitor. Before the VCC voltage drops below
2.4V, the internal high-voltage regulator remains off
and the VCC capacitor remains discharged.
Estimate the restart time after a fault as:
−
−
τ=
×
+
×
CC
restart
VCC
VCC
V2.4V
5.6V 2.4V
CC
16uA
3.5mA
Figure 2 shows the typical waveform with VCC
under voltage lock out.
Figure 2: VCC Under-Voltage Lockout
Constant Voltage Operation
The MP155 is a fully-integrated regulator when
used in a Buck solution as shown in the typical
application on page 1.
The integrated MOSFET turns ON at the
beginning of each cycle when the feedback
voltage is below the reference voltage (2.5V),
which indicates insufficient output voltage. The
peak current limit determines the ON period.
After the ON period elapses, the integrated
MOSFET turns OFF. The freewheeling diode (D1)
remains OFF until the inductor current charges
the sampling capacitor (C4) voltage to the output
voltage level. Then the sampling capacitor
voltage changes with the output voltage. The
sampling capacitor can sample and hold the
output voltage to regulate the output voltage. The
sampling capacitor voltage decreases after the
inductor current drops below the output current.
When the feedback voltage falls below the
reference voltage (2.5V), a new switching cycle
begins.
Figure 3 shows the detailed operation timing
diagram under CCM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com