Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP155 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP155
Description  Energy Efficient Off-line Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP155 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP155 Datasheet HTML 6Page - Monolithic Power Systems MP155 Datasheet HTML 7Page - Monolithic Power Systems MP155 Datasheet HTML 8Page - Monolithic Power Systems MP155 Datasheet HTML 9Page - Monolithic Power Systems MP155 Datasheet HTML 10Page - Monolithic Power Systems MP155 Datasheet HTML 11Page - Monolithic Power Systems MP155 Datasheet HTML 12Page - Monolithic Power Systems MP155 Datasheet HTML 13Page - Monolithic Power Systems MP155 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MP155 – ENERGY EFFICIENT OFF-LINE REGULATOR
MP155 Rev. 1.12
www.MonolithicPower.com
10
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
MOS
Diode
IL
Ipeak
Io
Vo
VFB
2.5V
Figure 3: VFB vs. Vout
Monitoring the sampling capacitor regulates the
output voltage can be regulated, as per the
following equation:
+
=×
R1 R2
Vo 2.5V
R2
Frequency Foldback
Under light load or no load conditions, the output
drops very slowly, which increases the time for
the MOSFET to turn ON again; i.e., frequency
decreases as the load decreases. So the MP155
can maintain a high efficiency under light load
condition by reducing the switching frequency
automatically.
The switching frequency can be obtained as:
in
o
o
s
peak
o
in
(V
V )
V
f
2L(I
I ) V
−
=⋅
−
, for CCM
−
=⋅
in
O
o
o
s
2
peak
in
2(V
V ) I V
f
LI
V
, for DCM
At the same time, the peak current limit
decreases from 290mA as the OFF time
increases. In standby mode, the frequency and
the peak current are both minimized, allowing for
a small dummy load. As a result, the peak-
current-compression function helps to reduce no-
load consumption. Determine the peak current
limitation from the following equation where τoff is
the power module OFF time:
=−
μ × τ − μ
Peak
off
I
290mA (1mA / S) (
18 S)
Minimum off time limitation
The MP155 implements a minimum OFF time
limit. During the normal operation, the minimum
OFF time limit is 18µs; during start up, the
minimum OFF time limit gradually drops from
72µs, to 36µs, then to 18 µs (see Figure 4). Each
minimum OFF time has 128 switching cycles.
This soft-start function allows for safe start-up.
128 Switching cycle
72us
≥
128 Switching cycle
36us
≥
18us
≥
Driver
Figure 4: τminoff at Start-Up
EA Compensation
-
+
VFB
-
+
Vref
2.5V
EA
+
+
-
+
FB
Comparator
Vramp
Vramp
Ipeak
Figure 5: EA and Ramp Compensation
To
improve
load
regulation,
the
MP150
implements an error amplifier (EA) compensation
function ( Figure 5 ). The MP155 samples the
feedback voltage 6µs after the MOSFET turns off.
EA compensation regulates the 2.5V reference
voltage with the load, thus improving the power
module regulation.
RAMP Compensation
An internal ramp compensation circuit precisely
maintains the output voltage. An additional
exponential voltage sinking source pulls down
the feedback comparator’s reference voltage as
shown in Figure 5. The ramp compensation is
relative to the load conditions: Under full-load
conditions, the compensation is ~1mV/µs; with a
decreasing load, the compensation increases
exponentially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com