Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP155 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP155
Description  Energy Efficient Off-line Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP155 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP155 Datasheet HTML 9Page - Monolithic Power Systems MP155 Datasheet HTML 10Page - Monolithic Power Systems MP155 Datasheet HTML 11Page - Monolithic Power Systems MP155 Datasheet HTML 12Page - Monolithic Power Systems MP155 Datasheet HTML 13Page - Monolithic Power Systems MP155 Datasheet HTML 14Page - Monolithic Power Systems MP155 Datasheet HTML 15Page - Monolithic Power Systems MP155 Datasheet HTML 16Page - Monolithic Power Systems MP155 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP155 – ENERGY EFFICIENT OFF-LINE REGULATOR
MP155 Rev. 1.12
www.MonolithicPower.com
13
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Topology Options
MP155 can be used in common topologies, such
as Buck, Buck-Boost, Boost and Flyback. Please
find the Table.1 for more information.
Component Selection
Input Capacitor
The input capacitor supplies the converter’s DC
input voltage. Figure 7 shows the typical half-
wave rectifier’s DC bus voltage waveform.
Figure 7: Input Voltage Waveform
When using the half-wave rectifier, set the input
capacitor 3µF/W for the universal input condition.
When using the full-wave rectifier, choose a
smaller capacitor, but avoid a minimum DC
voltage below 70V to avoid thermal shutdown.
Inductor
MP155 has a minimum off time limit that
determines the maximum power output. The
maximum power increases with the inductor
value. Using a smaller inductor may cause the
output to fail at full load, but a larger inductor
results in a higher OLP load. The optimal
inductor value is the smallest that can supply the
rated power. The maximum power is:
τ
=− ominoff
omax
o peak
V
PV (I
)
2L
, for CCM
=⋅
τ
2
o max
peak
minoff
11
PLI
2
, for DCM
To account for converter parameters—such as
peak current limit and minimum OFF time—
estimate the minimum inductor power (Pmin) for
the maximum power, and selecting an inductor
with a Pmin value that exceeds the rated power.
Using output voltages 5V and 12V as examples,
Figure 8 shows the curve for Pmin at 5V, and
Figure 9 shows the curve for Pmin at 12V.
(Ipeak=0.29A, τminoff=18µs)
INDUCTOR(mH)
0.6
0.7
0.8
0.9
1
1.1
1.2
0.6
1.1
1.6
2.1
2.6
PMIN
Figure 8: Pmin vs. L for 5V
INDUCTOR(mH)
0.6
1.1
1.6
2.1
2.6
0
0.5
1
1.5
2
2.5
3
PMIN
Figure 9: Pmin vs. L for 12V
When designing a 0.5W converter (5V, 0.1A),
estimate the minimum inductor value at 0.6mH
based on Figure 8. Similarly, for a 1.2W
converter (12V, 0.1A), estimate the minimum
inductor at 0.9mH based on Figure 9 .
Use a standard off-the-shelf inductor to reduce
costs. Use a standard inductance that exceeds
calculated inductance.
Freewheeling Diode
Choose a diode with a maximum reverse voltage
rating that exceeds the maximum input voltage,
and a current rating that exceeds the output
current.
The reverse recovery of the freewheeling diode
can affect the efficiency and circuit operation.
Select an ultra-fast diode, such as the EGC10JH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com