Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP155 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP155
Description  Energy Efficient Off-line Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP155 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP155 Datasheet HTML 1Page - Monolithic Power Systems MP155 Datasheet HTML 2Page - Monolithic Power Systems MP155 Datasheet HTML 3Page - Monolithic Power Systems MP155 Datasheet HTML 4Page - Monolithic Power Systems MP155 Datasheet HTML 5Page - Monolithic Power Systems MP155 Datasheet HTML 6Page - Monolithic Power Systems MP155 Datasheet HTML 7Page - Monolithic Power Systems MP155 Datasheet HTML 8Page - Monolithic Power Systems MP155 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP155
Energy Efficient Off-line Regulator
MP155 Rev. 1.12
www.MonolithicPower.com
1
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP155 is a primary-side regulator that
provides accurate constant voltage regulation
without the opto-coupler, and supports Buck,
Buck-boost, Boost and Flyback topologies. An
integrated
500V
MOSFET
simplifies
the
structure and reduces costs. These features
make it a competitive candidate for off-line low-
power applications, such as home appliances
and standby power.
The
MP155
is
a
green-mode-operation
regulator. Both the peak current and the
switching frequency decrease as the load
decreases. As a result, it offers excellent
efficiency performance at light load, thus
improving the overall average efficiency.
The MP155 features various protections such
as thermal shutdown (TSD), VCC under-voltage
lockout (UVLO), overload protection (OLP),
short-circuit protection (SCP), and open loop
protection.
The MP155 is available in the TSOT23-5 and
SOIC8 packages.
FEATURES
• Primary-side constant voltage (CV) control,
supporting Buck, Buck-boost, Boost and
Flyback topologies
• Integrated 500V/20Ω MOSFET
• < 100mW No-load power consumption
• Up to 3W output power
• Maximum DCM output current of 130mA
• Maximum CCM output current of 220mA
• Low VCC operating current
• Frequency foldback
• Maximum frequency limit
• Peak current compression
• Internal high-voltage current source
• Internal 350ns leading-edge blanking
• Thermal shutdown (auto restart)
• VCC under-voltage lockout with hysteresis
(UVLO)
• Timer-based overload protection.
• Short circuit protection
• Open loop protection
APPLICATIONS
•
Home Appliances, white goods and
consumer electronics
•
Industrial Controls
•
Standby Power
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP155
DRAIN
VCC
FB
SOURCE
Output
SOURCE
C1
C2
L1
C3
C4
R2
R1
L2
D2
D3
C5
D1


Similar Part No. - MP155

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP15 CHENG-YI-MP15 Datasheet
156Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
CTS Corporation
MP150 CTS-MP150 Datasheet
133Kb / 5P
Quartz Crystal
logo
Won-Top Electronics
MP1500 WTE-MP1500 Datasheet
42Kb / 3P
15A BRIDGE RECTIFIER
MP1500 WTE-MP1500 Datasheet
70Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
MP1500 WTE-MP1500 Datasheet
53Kb / 4P
15A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - MP155

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
Energy Efficient, Low Power Off-line Switcher
TNY253GN POWERINT-TNY253GN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY255PN POWERINT-TNY255PN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY253PN POWERINT-TNY253PN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY253GN-TL POWERINT-TNY253GN-TL Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY255GN-TL POWERINT-TNY255GN-TL Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
logo
Monolithic Power System...
MP157 MPS-MP157 Datasheet
796Kb / 20P
Smallest Energy Efficient Off-line Regulator with Extended Power Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com