Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP201 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP201
Description  Dying Gasp Storage and Release Control IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP201 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP201 Datasheet HTML 1Page - Monolithic Power Systems MP201 Datasheet HTML 2Page - Monolithic Power Systems MP201 Datasheet HTML 3Page - Monolithic Power Systems MP201 Datasheet HTML 4Page - Monolithic Power Systems MP201 Datasheet HTML 5Page - Monolithic Power Systems MP201 Datasheet HTML 6Page - Monolithic Power Systems MP201 Datasheet HTML 7Page - Monolithic Power Systems MP201 Datasheet HTML 8Page - Monolithic Power Systems MP201 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP201 – DYING GASP STORAGE AND RELEASE CONTROL IC
MP201 Rev. 1.01
www.MonolithicPower.com
3
11/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Supply Voltage Range
VIN
4.5
18
V
Supply Current (Quiescent)
IIN
VFB = 1.1V
250
300
μA
VIN Under Voltage Lockout
Threshold Rising
INUVVth
2.5
3.0
3.5
V
VIN Under Voltage Lockout
Threshold Hysteresis
INUVHYS
250
mV
Storage Feedback Voltage
VFB1
0.97
1
1.03
V
Release Feedback Voltage
VFB2
0.97
1
1.03
V
Vstorage Refresh
Threshold-High
VFB1_H
1.025
1.05
V
Vstorage Refresh
Threshold-Low
VFB1_L
0.95
0.975
V
Vstorage Refresh
Threshold-Hysteresis
VFB1_Hys
50
mV
Feedback Current
IFB
VFB1= VFB2=1V
10
50
nA
GASP High Threshold
(6)
VTHGASP
1.05
V
GASP Low Threshold
(6)
VTLGASP
1
V
GASP Rising Delay Time
GASPTdR
73
μs
GASP Falling Delay Time
GASPTdF
0.7
μs
GASP Sink Current
Capability
VGASP
Sink 4mA
0.2
0.3
V
GASP Leakage Current
IGASP_LEAK
VGASP=3.3V
0.01
0.1
uA
Input Inrush Current Limit
for Charging Storage
Capacitor
IPRECHARGE_LIMIT
VIN=12V, Charging CSTORAGE
from 0 to VIN
0.2
0.26
0.33
A
Current limit for Dumping
Charge from CSTORAGE to
VIN
IDUMP_LIMIT
2
2.5
3
A
Thermal Shutdown
(7)
TSD
150
ºC
Thermal Shutdown
Hysteresis
(7)
THYS
30
ºC
Notes:
5) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.
6) This voltage is FB2 voltage.
7) Guaranted by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com