Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP201 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP201
Description  Dying Gasp Storage and Release Control IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP201 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP201 Datasheet HTML 4Page - Monolithic Power Systems MP201 Datasheet HTML 5Page - Monolithic Power Systems MP201 Datasheet HTML 6Page - Monolithic Power Systems MP201 Datasheet HTML 7Page - Monolithic Power Systems MP201 Datasheet HTML 8Page - Monolithic Power Systems MP201 Datasheet HTML 9Page - Monolithic Power Systems MP201 Datasheet HTML 10Page - Monolithic Power Systems MP201 Datasheet HTML 11Page - Monolithic Power Systems MP201 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP201 – DYING GASP STORAGE AND RELEASE CONTROL IC
MP201 Rev. 1.01
www.MonolithicPower.com
10
11/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
application. Assume the input release current is
IRELEASE when input voltage is regulated at
VRELEASE for the DCDC converter. The storage
voltage of MP201 is VSTORAGE, and the required
dying gasp time is TDASP. The necessary storage
capacitance can be calculated as following
equation:
RELEASE
DASP
STORAGE
RELEASE
IT
Cs
VV
×
=
−
If
IRELEASE=1A,
TD=20ms,
VSTORAGE=20V,
VRELEASE=10V, the needed storage capacitance is
2000μF. Generally, the storage capacitance
should be chosen a little bit large to avoid
capacitance reduction at high voltage offset.
In typical xDSL applications using a 12V input
supply, it is recommended to set the storage
voltage higher than 20V to fully utilize the high
voltage
energy
and
minimize
storage
capacitance requirements. Generally, a 25V
rated electrolytic capacitor can be used. The
lifetime of electrolytic capacitors can be severely
impacted by both environmental and electrical
factors. One of the most critical electrical factors
is the AC RMS ripple current through the
capacitor which leads to increased capacitor core
temperatures. Normally, for typical industrial uses,
it is recommended to derate the capacitor voltage
rating to 70%-80%. For example, a 25V rated
electrolytic capacitor would be used for a 16V to
20V application.
However, since the MP201 tightly regulates the
storage voltage, the storage capacitor almost has
no AC ripple current going through it. The
resulting refresh rate of the MP201 is very low
which allows customers to safely use a 90%
capacitor derating (8). For example, a 25V
electrolytic capacitor, can safely handle a storage
voltage of up to 22V. Table 3 is some
recommended storage electrolytic capacitors
which can be used in typical xDSL application
PCB Layout Guide
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take the EVB board layout for references.
1) Connect the BST pin as close as possible to
the SW node of DCDC converter through a
resistor and a small ceramic capacitor. Try to
avoid interconnect the feedback path.
2) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
3) Keep
the
connection
of
the
storage
capacitors and STRG pin as short and wide
as possible.
Table 3 – Recommended Storage Capacitors
Part #
Vender
Capacitance
Voltage
Operating Temp
25ME1500WX
Sanyo
1500μF
25V
-40 to +105
°C
PEH526HAB4270M3
Kemet
2700μF
25V
-40 to +105
°C
EEUFR1E152B
Panasonic
1500μF
25V
-40 to +105
°C
Notes:
8) “Applying voltage does not affect the life time because the self heating by applying voltage can be ignored”, from Sanyo.
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 4: Design Example
VIN
12V to 18V
VS
23V
VRELEASE
10.2V
The detailed application schematic is shown in
Figure 6. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com