Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP201 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP201
Description  Dying Gasp Storage and Release Control IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP201 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP201 Datasheet HTML 1Page - Monolithic Power Systems MP201 Datasheet HTML 2Page - Monolithic Power Systems MP201 Datasheet HTML 3Page - Monolithic Power Systems MP201 Datasheet HTML 4Page - Monolithic Power Systems MP201 Datasheet HTML 5Page - Monolithic Power Systems MP201 Datasheet HTML 6Page - Monolithic Power Systems MP201 Datasheet HTML 7Page - Monolithic Power Systems MP201 Datasheet HTML 8Page - Monolithic Power Systems MP201 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP201
Dying Gasp Storage and Release
Control IC
MP201 Rev. 1.01
www.MonolithicPower.com
1
11/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP201 is a dying gasp storage and release
controller. It charges storage capacitor from the
input during normal operation. Once the storage
capacitor is charged to the selected voltage, the
charge is stopped, and the storage capacitor is
separated from the input. The charging circuit
maintains the storage voltage after the charge
is completed.
The MP201 keeps monitoring the input voltage,
and releases the charge from storage capacitor
to input capacitor when the input voltage is
lower than the selected release voltage. It
regulates the input voltage to keep it close to
release voltage for as long as possible.
The MP201 has built-in current limit circuit
during the charging up of the storage capacitors.
The storage and release voltage can be
programmed to user’s desired value by external
resistors.
The MP201 comes in an SOIC-8 package and
requires a minimum number of readily available
standard external components.
FEATURES
• Wide 4.5V to 18V Input Operating Range
• 2.5A dumping current from Storage to VIN
• Built-in 260mA Current Limit for Charging
Storage Capacitor
• User Programmable Storage and Release
Voltage
• Dying Gasp FLAG Indicator
• Available in SOIC-8 package
APPLICATIONS
• Cable/DSL/PON Modems
• Home Gateway
• Access Point Networks
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP201
GND
FB1
BST
VIN
C1
47
GASP
VIN
4.5V to 18V
VSTRG
23V
STRG
VMAX
C4
22nF
C3
2.2nF
C5
1000
7
8
1
3
6
4
2
FB2
5
R3
464k
R4
C2
15pF
R1
845k
R2
37.4k
R5
10
Open Drain
Output
Connect
to SW
VSTORAGE
5V/div.
VIN
5V/div.
GASP
10V/div.
IRELEASE
1A/div.


Similar Part No. - MP201

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP2010-CL1-48 MULTICOMP-MP2010-CL1-48 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
24V, 150mA, Low Quiescent Current Linear Regulator
MP2011AGG MPS-MP2011AGG Datasheet
523Kb / 14P
24V, 150mA, Low Quiescent Current Linear Regulator
MP2011AGG-33 MPS-MP2011AGG-33 Datasheet
523Kb / 14P
24V, 150mA, Low Quiescent Current Linear Regulator
MP2012 MPS-MP2012 Datasheet
328Kb / 10P
Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
More results

Similar Description - MP201

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2146B NJRC-NJM2146B Datasheet
164Kb / 6P
VOLTAGE AND CURRENT CONTROL IC
logo
STMicroelectronics
L6585D STMICROELECTRONICS-L6585D Datasheet
160Kb / 9P
PFC and Ballast Control IC
12-Jan-2006
logo
ATMEL Corporation
ATA6285 ATMEL-ATA6285 Datasheet
255Kb / 18P
TPMS Control and Transmitter IC
logo
Systemsensor advanced i...
PDRP-1002 SYSTEMSENSOR-PDRP-1002 Datasheet
931Kb / 44P
Agent Release Control System
logo
Texas Instruments
TPS65250 TI-TPS65250 Datasheet
1Mb / 36P
4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
TPS65250 TI-TPS65250_1 Datasheet
1Mb / 38P
4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
logo
Gamewell-FCI by Honeywe...
FGF506R GAMEWELL-FCI-FGF506R Datasheet
70Kb / 4P
Agent Release Control Panel
logo
ATMEL Corporation
ATA6285N ATMEL-ATA6285N Datasheet
407Kb / 19P
TPMS Control and Transmitter IC
logo
Monolithic Power System...
MP111 MPS-MP111 Datasheet
366Kb / 13P
Dying Gasp Storage and Release Control IC
MP6302 MPS-MP6302 Datasheet
397Kb / 12P
Energy Storage and Release Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com