Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP201 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP201
Description  Dying Gasp Storage and Release Control IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP201 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP201 Datasheet HTML 4Page - Monolithic Power Systems MP201 Datasheet HTML 5Page - Monolithic Power Systems MP201 Datasheet HTML 6Page - Monolithic Power Systems MP201 Datasheet HTML 7Page - Monolithic Power Systems MP201 Datasheet HTML 8Page - Monolithic Power Systems MP201 Datasheet HTML 9Page - Monolithic Power Systems MP201 Datasheet HTML 10Page - Monolithic Power Systems MP201 Datasheet HTML 11Page - Monolithic Power Systems MP201 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP201 – DYING GASP STORAGE AND RELEASE CONTROL IC
MP201 Rev. 1.01
www.MonolithicPower.com
8
11/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
MP201 is a dying gasp storage and release
control IC. It charges the storage capacitors
from input supply during power start up and
keeps refreshing the storage voltage at a
regulated value during normal operation.
MP201 continuously monitors the input voltage.
Once the input voltage is lower than the
programmed release voltage in the case of
losing input power, it releases the charge from
the storage capacitors to input, and keeps the
input voltage regulated to the release voltage
for as long as possible. It allows the system to
respond to input power failure.
Start-Up
During the power start-up, there are two periods
to charge the storage capacitors. In the first
period, the MP201 pre-charges the large
storage capacitors from 0 to nearly VIN with
built-in inrush current limit. Once the storage
voltage is close to the input voltage, the storage
voltage is boosted and regulated at target
voltage.
The BST pin of MP201 should connect to the
DCDC switch node. Only after the DCDC is
enabled, the MP201 will start boosting. Figure 2
shows the charging build-up process of MP201.
VIN
EN of DC/DC
Output of DCDC
Storage Voltage
VIN
Pre-Charge w/ current limit
Target storage voltage
Figure 2 – Timing of Charging
Release
MP201 keeps monitoring the input voltage.
Once the input voltage is lower than selected
release voltage in the case of losing input
power, MP201 moves the charge from high
voltage storage capacitor to low input voltage
capacitor.
The
release
voltage
can
be
determined by choosing appropriate input
resistance divider. The maximum LDO release
current can be as high as 2.5A. Until the
storage capacitor voltage is near the input
voltage, the input voltage loses its regulation
and reduces further. A conceptual release
process of MP201 is shown in Figure 3.
Vrelease
Vstorage
VIN
GASP
t
Input UVLO of DC/DC converter
Figure 3 – Timing of Releasing
Gasp Indicator
When the FB2 voltage, feedback voltage for the
input power, is higher than 1.05XVFB2, the
GASP pin will be pulled high. Connect a resistor
across VIN and GASP can drive GASP high.
When the FB2 voltage is lower than 1.00XVFB2,
the GASP voltage will be internally pulled low.
GASP voltage can be used as a communication
indicator signal which states input power
availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com