Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1499GD Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1499GD
Description  High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1499GD Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1499GD Datasheet HTML 1Page - Monolithic Power Systems MP1499GD Datasheet HTML 2Page - Monolithic Power Systems MP1499GD Datasheet HTML 3Page - Monolithic Power Systems MP1499GD Datasheet HTML 4Page - Monolithic Power Systems MP1499GD Datasheet HTML 5Page - Monolithic Power Systems MP1499GD Datasheet HTML 6Page - Monolithic Power Systems MP1499GD Datasheet HTML 7Page - Monolithic Power Systems MP1499GD Datasheet HTML 8Page - Monolithic Power Systems MP1499GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MP1499 – 16V/5A PEAK SYNCHRONOUS STEP-DOWN CONVERTER
MP1499 Rev. 1.0
www.MonolithicPower.com
3
7/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Current
Supply Current (Shutdown)
IIN
VEN = 0V
1
μA
Supply Current (Quiescent)
Iq
VEN = 2V, VFB = 1V
0.6
1
mA
MOSFET
HS Switch On Resistance
HSRDS-ON VBST-SW=5V
70
mΩ
LS Switch On Resistance
LSRDS-ON VCC=5V
25
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW =12V
1
μA
MOSFET
Current Limit
(6)
ILIMIT
40% Duty Cycle
7
9
A
Oscillator and Timer
Oscillator Frequency
fSW
VFB=750mV
430
500
580
kHz
Maximum Duty Cycle
DMAX
VFB=700mV
90
95
%
Minimum On Time
(6)
TON MIN
60
ns
Sync Frequency Range
fSYNC
0.2
2
MHz
Reference And Soft Start
Feedback Voltage
VFB
TA=25°C
791
807
823
mV
-40°C <TA<85°C
(7)
787
807
827
Feedback Current
IFB
VFB=800mV
10
50
nA
Soft-Start Current
ISS
8
11
14
μA
Enable And UVLO
EN Rising Threshold
VEN RISING
1.2
1.4
1.6
V
EN Falling Threshold
VEN FALLING
1.1
1.25
1.4
V
EN Input Current
IEN
VEN=2V
2
μA
VEN=0
0
μA
EN Turn Off Delay
ENTd-off
8
μs
VIN Under Voltage Lockout
Threshold-Rising
INUVVth
3.7
3.9
4.1
V
VIN Under Voltage Lockout
Threshold-Hysteresis
INUVHYS
650
mV
VCC Regulator
VCC Regulator
VCC
5
V
VCC Load Regulation
ICC=5mA
3
%
Thermal Protection
Thermal Shutdown
(6)
150
ºC
Thermal Hysteresis
(6)
20
ºC
Notes:
6) Guaranteed by design.
7) Not tested in production and guaranteed by over-temperature characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com