Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1499GD Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1499GD
Description  High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1499GD Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1499GD Datasheet HTML 7Page - Monolithic Power Systems MP1499GD Datasheet HTML 8Page - Monolithic Power Systems MP1499GD Datasheet HTML 9Page - Monolithic Power Systems MP1499GD Datasheet HTML 10Page - Monolithic Power Systems MP1499GD Datasheet HTML 11Page - Monolithic Power Systems MP1499GD Datasheet HTML 12Page - Monolithic Power Systems MP1499GD Datasheet HTML 13Page - Monolithic Power Systems MP1499GD Datasheet HTML 14Page - Monolithic Power Systems MP1499GD Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MP1499 – 16V/5A PEAK SYNCHRONOUS STEP-DOWN CONVERTER
MP1499 Rev. 1.0
www.MonolithicPower.com
11
7/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Figure 3—Adjustable UVLO
Soft-Start
The
MP1499
employs
soft
start
(SS)
mechanism to ensure smooth output during
power-up. When the EN pin becomes high, an
internal current source (11μA) charges up the
SS capacitor. The SS capacitor voltage takes
over the REF voltage to the PWM comparator.
The output voltage smoothly ramps up with the
SS voltage. Once the SS voltage reaches the
same level as the REF voltage, it keeps
ramping up while VREF takes over the PWM
comparator. At this point, the soft start finishes
and it enters into steady state operation.
If the output is pre-biased to a certain voltage
during startup, the IC will disable the switching
of both high-side and low-side switches until the
voltage on the internal soft-start capacitor
exceeds the sensed output voltage at the FB
pin.
The SS capacitor value can be determined as
follows:

 
 


SS
SS
SS
REF
Tms
I
A
CnF
VV
(1)
If the output capacitors have large capacitance
value, it’s not recommended to set the SS time
too small. Otherwise, it’s easy to hit the current
limit during SS. A minimum value of 4.7nF
should be used if the output capacitance value
is larger than 330μF.
Power Save Mode for Light Load Condition
The
MP1499
has
AAM
(Advanced
Asynchronous Modulation) power save mode
for light load. The AAM voltage is set at 0.4V
internally. Under the heavy load condition, the
VCOMP is higher than VAAM. When clock goes
high, the high-side power MOSFET turns on
and remains on until VILsense reaches the value
set by the COMP voltage. The internal clock
resets every time when VCOMP is higher than
VAAM.
Under the light load condition, the value of
VCOMP is low. When VCOMP is less than VAAM and
VFB is less than VREF, VCOMP ramps up until it
exceeds VAAM, during this time, the internal
clock is blocked, thus the MP1499 skips some
pulses for PFM (Pulse Frequency Modulation)
mode and achieves the light load power save.
VAAM
Clock
VOUT
R1
1pF
50pF 400k
R2
VREF
VFB
VIL sense
VCOMP
HS_driver
+
-
QS
R
+
-
Figure 4—Simplified AAM Control Logic
When the load current is light, the inductor peak
current is set internally which is about 1A for
VIN=12V, VOUT=3.3V, and L=3.3μH.The curve of
inductor peak current vs. inductor is shown in
Figure 5.
Inductor Peak Current
vs. Inductor
0
0.5
1
1.5
2
2.5
0123456
VOUT=1V
VOUT=1.8V
VOUT=2.5V
VOUT=3.3V
VOUT=5V
Figure5—Inductor Peak Current vs. Inductor
Over-Current-Protection and Hiccup
The MP1499 has cycle-by-cycle over current
limit when the inductor current peak value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com