Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1499GD Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1499GD
Description  High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1499GD Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1499GD Datasheet HTML 6Page - Monolithic Power Systems MP1499GD Datasheet HTML 7Page - Monolithic Power Systems MP1499GD Datasheet HTML 8Page - Monolithic Power Systems MP1499GD Datasheet HTML 9Page - Monolithic Power Systems MP1499GD Datasheet HTML 10Page - Monolithic Power Systems MP1499GD Datasheet HTML 11Page - Monolithic Power Systems MP1499GD Datasheet HTML 12Page - Monolithic Power Systems MP1499GD Datasheet HTML 13Page - Monolithic Power Systems MP1499GD Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MP1499 – 16V/5A PEAK SYNCHRONOUS STEP-DOWN CONVERTER
MP1499 Rev. 1.0
www.MonolithicPower.com
10
7/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
The MP1499 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a
very compact solution to achieve 5A peak
output current over a wide input supply range
with excellent load and line regulation.
The MP1499 operates in a fixed frequency,
peak current control mode to regulate the
output voltage. A PWM cycle is initiated by the
internal clock. The integrated high-side power
MOSFET is turned on and remains on until its
current reaches the value set by the COMP
voltage. When the power switch is off, it
remains off until the next clock cycle starts. If, in
90% of one PWM period, the current in the
power MOSFET does not reach the COMP set
current value, the power MOSFET will be
forced to turn off.
Internal Regulator
Most of the internal circuitries are powered from
the 5V internal regulator. This regulator takes
the VIN input and operates in the full VIN range.
When VIN is greater than 5.0V, the output of
the regulator is in full regulation. When VIN is
lower than 5.0V, the output decreases, a 0.1uF
ceramic capacitor for decoupling purpose is
required.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal 0.807V reference (REF) and
outputs a current proportional to the difference
between the two. This output current is then
used to charge or discharge the internal
compensation network to form the COMP
voltage, which is used to control the power
MOSFET current. The optimized internal
compensation network minimizes the external
component counts and simplifies the control
loop design.
Enable/SYNC control
EN/Sync is a digital control pin that turns the
regulator on and off. Drive EN high to turn on
the regulator, drive it low to turn it off. There is
an internal 1MΩ resistor from EN/Sync to
GND thus EN/Sync can be floated to shut down
the chip.
The EN pin is clamped internally using a 6.5V
series-Zener-diode as shown in Figure 2.
Connecting the EN input pin through a pullup
resistor to the voltage on the VIN pin limits the
EN input current to less than 100µA.
For example, with 12V connected to Vin,
RPULLUP ≥ (12V – 6.5V) ÷ 100µA = 55kΩ.
Connecting the EN pin directly to a voltage
source without any pullup resistor requires
limiting the amplitude of the voltage source to
≤
6V to prevent damage to the Zener diode.
Figure 2—6.5V Zener Diode Connection
The chip can be synchronized to external clock
range from 200kHz up to 2MHz through this pin
as soon as an external clock is added to this
pin, with the internal clock rising edge
synchronized to the external clock rising edge.
Under-Voltage Lockout (UVLO)
The
MP1499
has
under-voltage
lock-out
protection (UVLO). When the VCC voltage is
higher than the UVLO rising threshold voltage,
the MP1499 will be powered up. It shuts off
when the VCC voltage is lower than the UVLO
falling threshold voltage. This is non-latch
protection.
The MP1499 is disabled when the input voltage
falls below 3.25 V. If an application requires a
higher under-voltage lockout (UVLO), use the
EN pin as shown in Figure 3 to adjust the input
voltage UVLO by using two external resistors. It
is recommended to use the enable resistors to
set the UVLO falling threshold (VSTOP) above
4.5V. The rising threshold (VSTART) should be
set to provide enough hysteresis to allow for
any input supply variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com