Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1499GD Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP1499GD
Description  High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1499GD Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP1499GD Datasheet HTML 10Page - Monolithic Power Systems MP1499GD Datasheet HTML 11Page - Monolithic Power Systems MP1499GD Datasheet HTML 12Page - Monolithic Power Systems MP1499GD Datasheet HTML 13Page - Monolithic Power Systems MP1499GD Datasheet HTML 14Page - Monolithic Power Systems MP1499GD Datasheet HTML 15Page - Monolithic Power Systems MP1499GD Datasheet HTML 16Page - Monolithic Power Systems MP1499GD Datasheet HTML 17Page - Monolithic Power Systems MP1499GD Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP1499 – 16V/5A PEAK SYNCHRONOUS STEP-DOWN CONVERTER
MP1499 Rev. 1.0
www.MonolithicPower.com
16
7/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
33k
R8
40.2k
R1
10
R5
13k
R2
C3
2
1
L1
C2A
C2B
C2C
33pF
C6
C1B
C1A
1
VOUT
1
1
1
VIN
C4
100k
R3
1
VCC
1
EN/SYNC
EN/SYNC
22nF
C7
1
SS
1
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
FB 1
VIN
9
SW 8
BST 4
3
VCC
2
SS
10
MP1499GD
NC 5
U1
C1C
Figure 9—12V Input-3.3V/5A Peak Output
33k
R8
40.2k
R1
10
R5
7.68k
R2
C3
2
1
L1
C2A
C2B
C2C
33pF
C6
C1B
C1A
1
VOUT
1
GND
1
VIN
C4
100k
R3
1
VCC
1
EN/SYNC
22nF
C7
1
SS
1
GND
GND
VOUT
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
FB
1
VIN
9
SW
8
BST
4
EN/SYNC
3
VCC
2
SS
10
MP1499GD
NC
5
U1
C1C
GND
Figure 10—12V Input-5V/5A Peak Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com