Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1583DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1583DN
Description  3A, 23V, 385KHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1583DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1583DN Datasheet HTML 1Page - Monolithic Power Systems MP1583DN Datasheet HTML 2Page - Monolithic Power Systems MP1583DN Datasheet HTML 3Page - Monolithic Power Systems MP1583DN Datasheet HTML 4Page - Monolithic Power Systems MP1583DN Datasheet HTML 5Page - Monolithic Power Systems MP1583DN Datasheet HTML 6Page - Monolithic Power Systems MP1583DN Datasheet HTML 7Page - Monolithic Power Systems MP1583DN Datasheet HTML 8Page - Monolithic Power Systems MP1583DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP1583 – 3A, 23V, 385KHz STEP-DOWN CONVERTER
MP1583 Rev. 3.1
www.MonolithicPower.com
2
6/20/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP1583DN
SOIC8E
MP1583DN
–40
°C to +85°C
MP1583DP
PDIP8
MP1583DP
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP8736DL–Z)
For RoHS compliant packaging, add suffix –LF (e.g. MP8736DL–LF–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN .......................–0.3V to +28V
Switch Voltage VSW ................. –1V to VIN + 0.3V
Bootstrap Voltage VBS....VSW – 0.3V to VSW + 6V
FB, COMP and SS Pins.................–0.3V to +6V
Continuous Power Dissipation
(TA = +25°C)
(2)
SOIC8E...................................................... 2.5W
PDIP8 ........................................................ 1.2W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature ............. –65
°C to +150°C
Recommended Operating Conditions
(3)
Input Voltage VIN ............................4.75V to 23V
Operating Junct. Temp (TJ)...... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8E .................................. 50 ...... 10...
°C/W
PDIP8 .................................... 104 ..... 45...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB
BS
IN
SW
GND
SS
EN
COMP
FB
1
2
3
4
8
7
6
5
TOP VIEW
SOIC8N/PDIP8
MP1583_PD01
EXPOSED PAD
(SOIC8N ONLY)
CONNECT TO PIN 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com