Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1583DN Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP1583DN
Description  3A, 23V, 385KHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1583DN Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP1583DN Datasheet HTML 3Page - Monolithic Power Systems MP1583DN Datasheet HTML 4Page - Monolithic Power Systems MP1583DN Datasheet HTML 5Page - Monolithic Power Systems MP1583DN Datasheet HTML 6Page - Monolithic Power Systems MP1583DN Datasheet HTML 7Page - Monolithic Power Systems MP1583DN Datasheet HTML 8Page - Monolithic Power Systems MP1583DN Datasheet HTML 9Page - Monolithic Power Systems MP1583DN Datasheet HTML 10Page - Monolithic Power Systems MP1583DN Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP1583 – 3A, 23V, 385KHz STEP-DOWN CONVERTER
MP1583 Rev. 3.1
www.MonolithicPower.com
7
6/20/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Output Rectifier Diode
The output rectifier diode supplies the current to
the inductor when the high-side switch is off.
Use a Schottky diode to reduce losses due to
the diode forward voltage and recovery times.
Choose a diode whose maximum reverse voltage
rating is greater than the maximum input voltage,
and whose current rating is greater than the
maximum load current. Table 2 lists example
Schottky diodes and manufacturers.
Table 2—Diode Selection Guide
Diode
Voltage/Current
Rating
Manufacture
SK33
30V, 3A
Diodes Inc.
SK34
40V, 3A
Diodes Inc.
B330
30V, 3A
Diodes Inc.
B340
40V, 3A
Diodes Inc.
MBRS330
30V, 3A
On Semiconductor
MBRS340
40V, 3A
On Semiconductor
Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required
to supply the AC current to the step-down
converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors are preferred,
but tantalum or low-ESR electrolytic capacitors
will also suffice.
Since the input capacitor absorbs the input
switching current it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated by:
⎟⎟
⎟
⎠
⎞
⎜⎜
⎜
⎝
⎛
×
−
×
=
IN
OUT
IN
OUT
LOAD
C
V
V
1
V
V
I
I
1
The worst-case condition occurs at VIN = 2VOUT,
where:
2
1
LOAD
C
I
I
=
For simplification, choose an input capacitor
whose RMS current rating is greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, a small, high quality ceramic
capacitor (i.e. 0.1μF) should be placed as close
to the IC as possible.
When using ceramic capacitors, make sure that
they have enough capacitance to provide
sufficient charge to prevent excessive voltage
ripple at the input. The input voltage ripple
caused by capacitance can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
=
Δ
IN
OUT
IN
OUT
S
LOAD
IN
V
V
1
V
V
C
f
I
V
1
Where C1 is the input capacitance value.
Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Ceramic, tantalum or low
ESR electrolytic capacitors are recommended.
Low ESR capacitors are preferred so as to
keep the output voltage ripple low. The output
voltage ripple can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
Δ
2
8
1
1
C
f
R
V
V
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
Where L is the inductor value, C2 is the output
capacitance value and RESR is the equivalent
series resistance (ESR) value of the output
capacitor.
In the case of ceramic capacitors, the
impedance at the switching frequency is
dominated by the capacitance, which is the
main cause for the output voltage ripple. For
simplification, the output voltage ripple can be
estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
×
=
IN
OUT
S
OUT
OUT
V
V
1
C
L
f
V
ΔV
2
8
2
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple can be approximated to:
ESR
IN
OUT
S
OUT
OUT
R
V
V
1
L
f
V
ΔV
×
⎟
⎠
⎞
⎜
⎝
⎛ −
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com