Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1583DN Datasheet (PDF) - Monolithic Power Systems

MP1583DN Datasheet PDF - Monolithic Power Systems
Part # MP1583DN
Download  MP1583DN Download
File Size   335.81 Kbytes
Page   13 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 23V, 385KHz Step-Down Converter

MP1583DN Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1583DN Datasheet PDF - Monolithic Power Systems

Part # MP1583DN
Download  MP1583DN Click to download

File Size   335.81 Kbytes
Page   13 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 23V, 385KHz Step-Down Converter

MP1583DN Datasheet (HTML) - Monolithic Power Systems


MP1583DN Product details

General Description

The MP1583 is a step-down regulator with a built in internal Power MOSFET. It achieves 3A continuous output current over a wide input supply range with excellent load and line regulation.



Features

ƒ 3A Output Current

ƒ Programmable Soft-Start

ƒ 100mΩ Internal Power MOSFET Switch

ƒ Stable with Low ESR Output Ceramic Capacitors

ƒ Up to 95% Efficiency

ƒ 20µA Shutdown Mode

ƒ Fixed 385KHz frequency

ƒ Thermal Shutdown

ƒ Cycle-by-Cycle Over Current Protection

ƒ Wide 4.75 to 23V operating Input Range

ƒ Output Adjustable From 1.22 to 21V

ƒ Under Voltage Lockout

ƒ Available in 8 pin SOIC Package

ƒ 3A Evaluation Board Available



Applications

ƒ Distributed Power Systems

ƒ Battery Charger

ƒ Pre-Regulator for Linear Regulators




Similar Part No. - MP1583DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1583DN MPS-MP1583DN Datasheet
211Kb / 4P
3A MP1583 Step Down Converter
More results


Similar Description - MP1583DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1593 MPS-MP1593 Datasheet
299Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355_06 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
logo
Richtek Technology Corp...
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
3A 23V Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6180 FEELING-FP6180 Datasheet
1Mb / 13P
3A, 23V, 380KHz Step-Down Converter
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1423 MPS-MP1423 Datasheet
323Kb / 11P
3A, 23V, 385KHz Step-Down Converter
1/6/2006 Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com