Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1583DN Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1583DN
Description  3A, 23V, 385KHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1583DN Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1583DN Datasheet HTML 5Page - Monolithic Power Systems MP1583DN Datasheet HTML 6Page - Monolithic Power Systems MP1583DN Datasheet HTML 7Page - Monolithic Power Systems MP1583DN Datasheet HTML 8Page - Monolithic Power Systems MP1583DN Datasheet HTML 9Page - Monolithic Power Systems MP1583DN Datasheet HTML 10Page - Monolithic Power Systems MP1583DN Datasheet HTML 11Page - Monolithic Power Systems MP1583DN Datasheet HTML 12Page - Monolithic Power Systems MP1583DN Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP1583 – 3A, 23V, 385KHz STEP-DOWN CONVERTER
MP1583 Rev. 3.1
www.MonolithicPower.com
10
6/20/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
D1
C4
R3
C5
R4
L1
SGND
PGND
C6
C2
C3
C1
Top Layer
Bottom Layer
Figure 3―PCB Layout (Double Layer)
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator, the applicable
conditions of external BST diode are:
VOUT=5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, an external BST diode is
recommended from the output of the voltage
regulator to BST pin, as shown in Fig.4
MP1583
SW
BST
C
L
BST
C
5V or 3.3V
OUT
External BST Diode
IN4148
+
Figure 4—Add Optional External Bootstrap
Diode to Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST cap is 0.1~1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com