Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2002 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2002
Description  Low Input Voltage 500mA Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2002 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2002 Datasheet HTML 1Page - Monolithic Power Systems MP2002 Datasheet HTML 2Page - Monolithic Power Systems MP2002 Datasheet HTML 3Page - Monolithic Power Systems MP2002 Datasheet HTML 4Page - Monolithic Power Systems MP2002 Datasheet HTML 5Page - Monolithic Power Systems MP2002 Datasheet HTML 6Page - Monolithic Power Systems MP2002 Datasheet HTML 7Page - Monolithic Power Systems MP2002 Datasheet HTML 8Page - Monolithic Power Systems MP2002 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP2002 – LOW INPUT VOLTAGE, 500mA LINEAR REGULATOR
MP2002 Rev. 1.11
www.MonolithicPower.com
3
10/10/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 1.8V, VOUT = 1.2V, COUT = 4.7µF, CIN = 2.2µF, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
(5)
Max
Units
Operating Voltage
IOUT = 1mA
1.35
6.5
V
IOUT = 1mA
(7)
100
µA
Ground Pin Current
IOUT = 500mA
5
mA
Shutdown Current
VEN = 1.45V, VIN = 5V
7
µA
0.482
0.500
0.508
FB Regulation Voltage
–40
°C ≤ TA ≤ +85°C
0.477
0.495
0.513
V
Dropout Voltage
(8)
IOUT = 500mA
290
mV
Line Regulation
IOUT = 1mA,
VIN = (VOUT + 0.5V) to 6.5V
(8)
0.005
%/V
Load Regulation
IOUT = 1mA to 500mA,
VIN = VOUT + 0.5V
0.001
%/mA
Power Good Output Voltage
Low
(9)
VOL
Isink = 0.5mA
0.5
V
EN Input High Voltage
1.2
V
EN Input Low Voltage
0.4
V
EN Input Bias Current
VEN = 1.5V, 5V
0.01
1
μA
Thermal Protection
155
°C
Current Limit
550
730
mA
Notes:
5) Parameter is guaranteed by design, not production tested.
6) Resistors for VOUT measurement are 10k, 14k, 1%
7) The ground current does not include current through feedback current
8) Dropout Voltage is defined as the input to output differential when the output voltage drops 1% below its nominal value
9) VFEEDBACK is 90% of the regulated value with 10k pull-up to 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com