Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2002 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2002
Description  Low Input Voltage 500mA Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2002 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2002 Datasheet HTML 3Page - Monolithic Power Systems MP2002 Datasheet HTML 4Page - Monolithic Power Systems MP2002 Datasheet HTML 5Page - Monolithic Power Systems MP2002 Datasheet HTML 6Page - Monolithic Power Systems MP2002 Datasheet HTML 7Page - Monolithic Power Systems MP2002 Datasheet HTML 8Page - Monolithic Power Systems MP2002 Datasheet HTML 9Page - Monolithic Power Systems MP2002 Datasheet HTML 10Page - Monolithic Power Systems MP2002 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP2002 – LOW INPUT VOLTAGE, 500mA LINEAR REGULATOR
MP2002 Rev. 1.11
www.MonolithicPower.com
8
10/10/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The MP2002 has an adjustable output voltage,
set via an external resistor divider (R1 and R2
in Figure 2).
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
=
FB
FB
OUT
V
V
V
2
R
1
R
where VFB = 0.5V (The OUT feedback threshold
voltage.)
Example: For 2.5V Output and R2=10kΩ
2.5 0.5
R1 10k
40k
0.5
−
⎛⎞
=×
=
Ω
⎜⎟
⎝⎠
A standard 40kΩ (
±1%) resistor can be selected
for R1.
Table 1 lists the selected R1 values for some
typical output voltages (assuming R2 = 10kΩ).
Power Good
The power good pin is an open collector output
completed with a pull up resistor (10kΩ
recommended). The pull up resistor can be tied
to a supply within the voltage range of the pin
(0V to 5.5V). For example, the pull up resistor
can be tied to the input voltage when it is being
monitored by an IC powered from this input
voltage. It monitors the output voltage, and if
the output voltage is 10% below its regulation
point, the PG pin becomes low.
Table 1—Adjustable Output Voltage R1 Values
(R2=10kΩ)
VOUT (V)
R1 (Ω)
1.25
15k
1.5
20k
1.8
26k
2
30k
2.5
40k
2.8
46k
3
50k
3.3
56k
4
70k
5
90k
Bypass Capacitors
For lower noise, the reference voltage can be
bypassed by an external capacitor. A low ESR
capacitor, such as the ceramic type, will provide
the best performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com