Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2002 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2002
Description  Low Input Voltage 500mA Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2002 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2002 Datasheet HTML 1Page - Monolithic Power Systems MP2002 Datasheet HTML 2Page - Monolithic Power Systems MP2002 Datasheet HTML 3Page - Monolithic Power Systems MP2002 Datasheet HTML 4Page - Monolithic Power Systems MP2002 Datasheet HTML 5Page - Monolithic Power Systems MP2002 Datasheet HTML 6Page - Monolithic Power Systems MP2002 Datasheet HTML 7Page - Monolithic Power Systems MP2002 Datasheet HTML 8Page - Monolithic Power Systems MP2002 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2002
Low Input Voltage
500mA Linear Regulator
MP2002 Rev. 1.11
www.MonolithicPower.com
1
10/10/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2002 is a low-current, low-dropout
linear regulator operating over a single input
supply between 1.35V to 6.5V. The output
voltage of the MP2002 is adjustable via an
external resistor divider. The MP2002 can
supply up to 500mA of load current. The enable
pin (EN) allows the part to be put into a low
current shutdown mode (EN=0). The MP2002
features thermal overload and current limit
protection. It is available in an 8-pin QFN (2x
3mm) package
FEATURES
• Power Good Open Collector Output
• Operates from 1.35V – 6.5V Input
• Low 300mV Dropout at 500mA Output
• Stable with Very Small Ceramic Capacitors
• 2% Feedback Reference
• Adjustable Output Voltage Option from 0.5V
to 5V using an External Resistor Divider
• Better Than 0.001%/mA Load Regulation
• Low 100μA Ground Current
• Internal Thermal Protection
• Current Limit Protection
• 6µA Typical Quiescent Current at Shutdown
• Available in a Tiny 2x3mm 8-pin QFN
Package
APPLICATIONS
• Low Current Regulators
• Battery Powered Systems
• Cellular Phones
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2002
OUT
FB
GND
8
5
3
1
4
6
IN
EN
PG
VOUT
R1
R2
VIN
Power Good
5V


Similar Part No. - MP2002

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP200 CTS-MP200 Datasheet
133Kb / 5P
Quartz Crystal
logo
PANDUIT CORP.
MP200 PANDUIT-MP200 Datasheet
2Mb / 12P
PXE™ SERIES Mobile Printer
4/2023
MP200 PANDUIT-MP200 Datasheet
1Mb / 8P
PXE™ SERIES Mobile Printer
MP200 PANDUIT-MP200 Datasheet
1Mb / 17P
Identification Solutions for Harsh Environments
05/2022
MP200 KIT PANDUIT-MP200 KIT Datasheet
1Mb / 8P
PXE™ SERIES Mobile Printer
More results

Similar Description - MP2002

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
Low Output Voltage, 500mA Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1806 MAXIM-MAX1806 Datasheet
263Kb / 10P
500mA, Low-Voltage Linear Regulator in UMAX
Rev 0; 4/01
logo
Linear Technology
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9161 RICHTEK-RT9161 Datasheet
260Kb / 10P
300/500mA Low Dropout Linear Voltage Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
logo
Unisonic Technologies
LR1125 UTC-LR1125 Datasheet
334Kb / 7P
500mA, LOW-VOLTAGE LINEAR REGULATOR
logo
Linear Technology
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com