Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2002 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2002
Description  Low Input Voltage 500mA Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2002 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2002 Datasheet HTML 3Page - Monolithic Power Systems MP2002 Datasheet HTML 4Page - Monolithic Power Systems MP2002 Datasheet HTML 5Page - Monolithic Power Systems MP2002 Datasheet HTML 6Page - Monolithic Power Systems MP2002 Datasheet HTML 7Page - Monolithic Power Systems MP2002 Datasheet HTML 8Page - Monolithic Power Systems MP2002 Datasheet HTML 9Page - Monolithic Power Systems MP2002 Datasheet HTML 10Page - Monolithic Power Systems MP2002 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP2002 – LOW INPUT VOLTAGE, 500mA LINEAR REGULATOR
MP2002 Rev. 1.11
www.MonolithicPower.com
7
10/10/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
OPERATION
The MP2002 is a low-current, low-voltage, high-
PSRR, low-dropout, linear regulator. It is
intended for use in devices that require very low
voltage, low quiescent current power and high
PSRR such as wireless modems, pagers, and
cellular phones.
The MP2002 uses a PNP pass element and
features internal thermal shutdown and an
internal current limit circuit.
VIN
PG
GND
FB
OUT
EN
5V
PG
8
--
+
--
+
VOUT
C2
R2
0.5V
REF
R1
R3
THERMAL
PROTECT
C1
3
5
6
4
1
Figure 1—Block Diagram of Ultra Low Noise Adjustable Output Regulator
Pin #
Name
Description
1
OUT
Regulator Output. OUT is the output of the linear regulator. Bypass OUT to GND with
a 4.7μF or greater capacitor.
2
NC
No connect.
3
PG
Power Good Open Collector Output
4
FB
Feedback Input. Connect a resistive voltage divider from OUT to FB to set the output
voltage. OUT feedback threshold is 0.5V.
5
EN
Enable Input. Drive EN higher than 1.2V to turn on the MP2002, drive EN lower than
0.4V to turn it off.
6
GND,
Exposed
pad
Ground. Exposed pad must be connected to GND plane.
7
NC
No connect.
8
IN
Power Source Input. IN supplies the internal power to the MP2002 and is the source
of the pass transistor. Bypass IN to GND with a 2.2μF or greater capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com