Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2007 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2007
Description  3A, 1.3V??.0V DDR Memory Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2007 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2007 Datasheet HTML 1Page - Monolithic Power Systems MP2007 Datasheet HTML 2Page - Monolithic Power Systems MP2007 Datasheet HTML 3Page - Monolithic Power Systems MP2007 Datasheet HTML 4Page - Monolithic Power Systems MP2007 Datasheet HTML 5Page - Monolithic Power Systems MP2007 Datasheet HTML 6Page - Monolithic Power Systems MP2007 Datasheet HTML 7Page - Monolithic Power Systems MP2007 Datasheet HTML 8Page - Monolithic Power Systems MP2007 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP2007 – 3A, 1.3V-6.0V INPUT, DDR MEMORY TERMINATION REGUALTOR
MP2007 Rev. 0.9
www.MonolithicPower.com
3
7/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDRV = 5V, TA = +25
oC, unless otherwise noted.
Parameters
Symbol
Test Condition
Min
Typ
Max
Unit
VDRV Operating Voltage
VDRV
-
4.5
5.0
5.5
V
VDRV Shut down current
IDRV_SD
VDRV = 5.0 V, VDDQ=0V
-
0.2
1.0
μA
VDRV Operation Current
IDRV
VEN_H, VTT=0.75V
1.3
3
mA
VDRV UVLO Upper Threshold
VDRVUV+
Rising Edge
-
4.1
4.4
V
VDRV UVLO Hysteresis
VDRVUVHYS -
-
0.35
-
V
Thermal Trip Point
TSD
-
150
-
oC
Hysteresis
TSDHYS
-
25
-
oC
VDDQ UVLO Upper Threshold
VDDQUV+
Rising Edge; hysteresis = 55mV
-
0.9
1.3
V
1/2VREF – VTT,
VREF = 1.8 V,
IVTT = 0 to 3 A
(Sink Current)
IVTT = 0 to –3 A
(Source Current)
-30
-
-
-
-
30
mV
VTT with Respect to 1/2VREF
dVTT0
1/2VREF – VTT,
VREF = 1.5 V,
IVTT = 0 to 3 A
(Sink Current)
IVTT = 0 to –3 A
(Source Current)
-30
-
-
-
-
30
mV
REF Input Resistance
REF_R
VREF = 1.8 V
40
55
75
k
Ω
Source Current Limit
ILIMVTsrc
-
-
3.5
-
A
Sink Current Limit
ILIMVTsnk
-
-
3.5
-
A
Soft−Start Source Current Limit
ILIMVTSS
-
-
1.0
-
A
VREF=1.8V, VDRV=5V
-
9
-
Maximum Soft−Start Time
tssvttmax
VREF=1.5V, VDRV=5V
-
7
-
us
VTTREF Source Current
IVTTR
VREF = 1.8 V or 1.5 V
15
-
-
mA
1/2VREF – VTTR,
VREF = 1.8 V,
IVTTR = 0 mA to 15 mA
-18
-
18
mV
VTTREF Accuracy Referred to
1/2VREF
dVTTR
1/2VREF – VTTR,
VREF = 1.5 V,
IVTTR = 0 mA to 15 mA
-15
-
15
mV
VEN Pin Threshold High
VEN_H
-
1.4
-
-
V
VEN Pin Threshold Low
VEN_L
-
-
-
0.5
V
VEN Pin Input Current
IIN_VEN
VEN = 5.0 V
-
-
1.0
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com