Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2007 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2007
Description  3A, 1.3V??.0V DDR Memory Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2007 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2007 Datasheet HTML 2Page - Monolithic Power Systems MP2007 Datasheet HTML 3Page - Monolithic Power Systems MP2007 Datasheet HTML 4Page - Monolithic Power Systems MP2007 Datasheet HTML 5Page - Monolithic Power Systems MP2007 Datasheet HTML 6Page - Monolithic Power Systems MP2007 Datasheet HTML 7Page - Monolithic Power Systems MP2007 Datasheet HTML 8Page - Monolithic Power Systems MP2007 Datasheet HTML 9Page - Monolithic Power Systems MP2007 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP2007 – 3A, 1.3V-6.0V INPUT, DDR MEMORY TERMINATION REGUALTOR
MP2007 Rev. 0.9
www.MonolithicPower.com
6
7/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C1=C2=C3=10uF, C4 =C6=0.1uF, C7=4.7uF, VDRV=5V, TA=25ºC unless otherwise noted.
.
20us/div
200us/div
20us/div
Enable On
VDDQ=VREF=2.5V, VTT=1.25V
Enable Off
VDDQ=VREF=2.5V, VTT=1.25V
100us/div
VTT
0.5V/div.
ITT
2A/div.
VTT
0.5V/div.
ITT
2A/div.
VTT
10V/div.
VEN
2V/div.
VDDQ
2V/div.
ITT
1A/div.
VTT
10V/div.
VEN
2V/div.
VDDQ
2V/div.
ITT
1A/div.
Short Circuit
VDDQ=VREF=2.5V, VTT=1.25V
Short Circuit Recovery
VDDQ=VREF=2.5V, VTT=1.25V
Input Supply Current vs. Temp
VDDQ=VREF=1.8V, VTT=0.9V
Shut Down Input Current vs. Temp
VDDQ=VREF=.8V, VTT=0V
0.0
0.4
0.8
1.2
1.6
2.0
-40
-10
20
50
80
110 140
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
-40
-10
20
50
80
110 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com