Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2007 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2007
Description  3A, 1.3V??.0V DDR Memory Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2007 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2007 Datasheet HTML 3Page - Monolithic Power Systems MP2007 Datasheet HTML 4Page - Monolithic Power Systems MP2007 Datasheet HTML 5Page - Monolithic Power Systems MP2007 Datasheet HTML 6Page - Monolithic Power Systems MP2007 Datasheet HTML 7Page - Monolithic Power Systems MP2007 Datasheet HTML 8Page - Monolithic Power Systems MP2007 Datasheet HTML 9Page - Monolithic Power Systems MP2007 Datasheet HTML 10Page - Monolithic Power Systems MP2007 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP2007 – 3A, 1.3V-6.0V INPUT, DDR MEMORY TERMINATION REGUALTOR
MP2007 Rev. 0.2
www.MonolithicPower.com
10
7/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
6. VDDQ should be connected to VREF Input
with wide and short trace if VDDQ is used as the
sourcing supply for VTT. An input capacitor of at
least 10
μF should be added close to the VDDQ
pin and bypassed to GND if external voltage
supply is used as the VTT sourcing supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com