Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2007 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2007
Description  3A, 1.3V??.0V DDR Memory Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2007 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2007 Datasheet HTML 1Page - Monolithic Power Systems MP2007 Datasheet HTML 2Page - Monolithic Power Systems MP2007 Datasheet HTML 3Page - Monolithic Power Systems MP2007 Datasheet HTML 4Page - Monolithic Power Systems MP2007 Datasheet HTML 5Page - Monolithic Power Systems MP2007 Datasheet HTML 6Page - Monolithic Power Systems MP2007 Datasheet HTML 7Page - Monolithic Power Systems MP2007 Datasheet HTML 8Page - Monolithic Power Systems MP2007 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP2007 – 3A, 1.3V-6.0V INPUT, DDR MEMORY TERMINATION REGUALTOR
MP2007 Rev. 0.9
www.MonolithicPower.com
5
7/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
C1=C2=C3=10uF, C4 =C6=0.1uF, C7=4.7uF, VDRV=5V, TA=25ºC unless otherwise noted.
20us/div
Source Load Transient
VDDQ=VREF=1.8V, V TT=0.9V
Sink Load Transient
VDDQ=VREF=2.5V, V TT=0.9V, VSINK=1.8V
Source Over Current Protection
VDDQ=VREF=2.5V, V TT=1.25V
400us/div
400ms/div
4ms/div
Power Ramp Up
VDDQ=VREF=1.8V, V TT=0.9V
Startup Through Down
VDDQ=VREF=1.8V, V TT=0.9V
Sink Over Current Protection
VDDQ=VREF=2.5V, V TT=1.25V,VSINK=2.5V
10ms/div
1s/div
VTT
0.5V/div.
VTTREF
2V/div.
ITT
1A/div.
VTT
0.5V/div.
VTTREF
2V/div.
VDDQ
2V/div
VDDQ
2V/div
VDDQ
2V/div
ITT
1A/div.
VTT
10mV/div.
ITT
1A/div.
VTT
10mV/div.
ITT
1A/div.
VTT
1V/div.
VTTREF
1V/div.
ITT
2A/div.
VTT
1V/div.
VTTREF
1V/div.
VIN
2V/div.
ITT
2A/div.
1.17
1.21
1.25
1.29
1.33
1.37
VDDQ=1.8V
VDDQ=2.5V
0.67
0.71
0.75
0.79
0.83
0.87
VDDQ=1.5V
VDDQ=1.8V
0.82
0.86
0.9
0.94
0.98
1.02
-5 -4 -3 -2 -1 0 1 2 3 4 5
-5 -4 -3 -2 -1 0 1 2 3 4 5
-5 -4 -3 -2 -1 0 1 2 3 4 5
VDDQ=2.5V
VDDQ=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com