Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2016 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2016
Description  42V, 30mA, Low Power Adjustable Output Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2016 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2016 Datasheet HTML 1Page - Monolithic Power Systems MP2016 Datasheet HTML 2Page - Monolithic Power Systems MP2016 Datasheet HTML 3Page - Monolithic Power Systems MP2016 Datasheet HTML 4Page - Monolithic Power Systems MP2016 Datasheet HTML 5Page - Monolithic Power Systems MP2016 Datasheet HTML 6Page - Monolithic Power Systems MP2016 Datasheet HTML 7Page - Monolithic Power Systems MP2016 Datasheet HTML 8Page - Monolithic Power Systems MP2016 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP2016 – 42V, 30mA, LOW POWER, LINEAR REGULATOR
MP2016 Rev.1.0
www.MonolithicPower.com
4
10/10/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN Pin
#
TSOT23
Pin #
Name
Description
2
1
VIN
Input Voltage. Connect a 4V to 42V supply to this pin.
3
2
GND,
Exposed Pad
Ground (the exposed pad and GND pin must be connected to the same
ground plane for QFN package).
7
3
OUT
Regulator Output.
6
4
FB
Feedback. This is the feedback input pin, regulated to 1.23V nominally.
4
5
SHDN
Shutdown. A logic LOW on this pin will shut down the IC; a logic HIGH
will start it up. Connect this pin to IN for automatic startup.
1, 5, 8
N/C
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com