Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2016 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2016
Description  42V, 30mA, Low Power Adjustable Output Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2016 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2016 Datasheet HTML 2Page - Monolithic Power Systems MP2016 Datasheet HTML 3Page - Monolithic Power Systems MP2016 Datasheet HTML 4Page - Monolithic Power Systems MP2016 Datasheet HTML 5Page - Monolithic Power Systems MP2016 Datasheet HTML 6Page - Monolithic Power Systems MP2016 Datasheet HTML 7Page - Monolithic Power Systems MP2016 Datasheet HTML 8Page - Monolithic Power Systems MP2016 Datasheet HTML 9Page - Monolithic Power Systems MP2016 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP2016 – 42V, 30mA, LOW POWER, LINEAR REGULATOR
MP2016 Rev.1.0
www.MonolithicPower.com
6
10/10/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
CIN = 1uF, COUT = 4.7uF, TA = +25ºC, unless otherwise noted.
Load Transient
VIN=VSHDN=15V, VOUT=12V,
IOUT=10mA to 30mA
Enable Response
VIN=35V, VSHDN=6V,
VOUT=5V, IOUT=30mA
Load Ripple
VIN=VSHDN=28V,VOUT=24V
IOUT=20mA
Short Circuit Recovery
VIN=VSHDN=5V,
VOUT=1.8V
Short Circuit
VIN=VSHDN=5V,
VOUT=1.8V
Shutdown Response
VIN=35V, VSHDN=6V,
VOUT=5V, IOUT=30mA
VIN Ramp Up
VIN=VSHDN=16V,
VOUT=12V, IIN=20mA
VIN Ramp Down
VIN=VSHDN=16V,
VOUT=12V, IIN=20mA
VIN
5V/div
IOUT
10mA/div
VOUT
0.2V/div
IOUT
20mA/div
VOUT
10mV/div
IOUT
20mA/div
VOUT
1V/div
IOUT
0.1A/div
VOUT
1V/div
IOUT
0.1A/div
VOUT
5V/div
VIN
10V/div
IOUT
20mA/div
VOUT
5V/div
VIN
10V/div
VIN
20V/div
IOUT
20mA/div
SHDN
5V/div
VOUT
2V/div
VIN
20V/div
IOUT
20mA/div
SHDN
5V/div
VOUT
2V/div
VIN
20V/div
IOUT
20mA/div
20ms/div
4ms/div
4ms/div
10ms/div
Line Transient
VIN=VSHDN=7V to 12V, VOUT=5V,
IOUT=20mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com