Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2016 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2016
Description  42V, 30mA, Low Power Adjustable Output Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2016 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2016 Datasheet HTML 1Page - Monolithic Power Systems MP2016 Datasheet HTML 2Page - Monolithic Power Systems MP2016 Datasheet HTML 3Page - Monolithic Power Systems MP2016 Datasheet HTML 4Page - Monolithic Power Systems MP2016 Datasheet HTML 5Page - Monolithic Power Systems MP2016 Datasheet HTML 6Page - Monolithic Power Systems MP2016 Datasheet HTML 7Page - Monolithic Power Systems MP2016 Datasheet HTML 8Page - Monolithic Power Systems MP2016 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP2016
42V, 30mA, Low Power
Adjustable Output Linear Regulator
MP2016 Rev.1.0
www.MonolithicPower.com
1
10/10/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2016 is a low power linear regulator that
supplies power to systems with high voltage
batteries. It includes a wide 4V to 42V input
range, low dropout voltage and low quiescent
supply current.
The MP2016 provides excellent line transient
response time and 50dB power supply rejection
ratio (PSRR). The MP2016 can be set
externally from 1.2V to 40V through a simple
resistor divider network.
The MP2016 also includes thermal shutdown
and current limiting fault protection. It is
available in TSOT23-5 and QFN-8 packages.
FEATURES
• 4V to 42V Input Range
• 12µA Quiescent Supply Current
• <1.5µA Shutdown Current
• 1.2V to 40V Adjustable Output
• 30mA Output Current with 50mA Peak
Current Limit
• ±2% Accuracy
• Thermal Shutdown
• Available in Tiny TSOT23-5 and QFN-8
Packages
APPLICATIONS
• Notebook Computers
• Smart-Battery Packs
• PDAs
• Handheld Devices
•
Battery-Powered Systems
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2016
IN
SHDN
GND
FB
OUT
VOUT
12V-42V
R1
R2
1
5
2
3
4


Similar Part No. - MP2016

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2016DD MPS-MP2016DD Datasheet
123Kb / 4P
42V Input Voltage, Low Power Adjustable Output Linear Regulator EV Board
More results

Similar Description - MP2016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
5A Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
Adjustable Low Dropout 300mA Linear Regulator
logo
Texas Instruments
TPS76201DBVTG4 TI1-TPS76201DBVTG4 Datasheet
580Kb / 16P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201 TI1-TPS76201_17 Datasheet
597Kb / 16P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
logo
Monolithic Power System...
MP2019 MPS-MP2019 Datasheet
826Kb / 16P
40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
EV2016DD-00A MPS-EV2016DD-00A Datasheet
123Kb / 4P
42V Input Voltage, Low Power Adjustable Output Linear Regulator EV Board
logo
Anpec Electronics Corop...
APL5701 ANPEC-APL5701 Datasheet
257Kb / 23P
Adjustable Low Dropout 700mA Linear Regulator
logo
SHENZHEN FUMAN ELECTRON...
HT71XX FUMAN-HT71XX Datasheet
992Kb / 4P
30mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com