Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2016 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2016
Description  42V, 30mA, Low Power Adjustable Output Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2016 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2016 Datasheet HTML 2Page - Monolithic Power Systems MP2016 Datasheet HTML 3Page - Monolithic Power Systems MP2016 Datasheet HTML 4Page - Monolithic Power Systems MP2016 Datasheet HTML 5Page - Monolithic Power Systems MP2016 Datasheet HTML 6Page - Monolithic Power Systems MP2016 Datasheet HTML 7Page - Monolithic Power Systems MP2016 Datasheet HTML 8Page - Monolithic Power Systems MP2016 Datasheet HTML 9Page - Monolithic Power Systems MP2016 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MP2016 – 42V, 30mA, LOW POWER, LINEAR REGULATOR
MP2016 Rev.1.0
www.MonolithicPower.com
7
10/10/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
--
+
IN
VREF
1.23V
FB
GND
SHND
OUT
1
3
4
2
5
Figure 1—Functional Block Diagram
The MP2016 is a linear regulator designed
primarily for high input voltage applications. The
MP2016 has an output that is adjustable from
1.2V to 40V with a simple resistor divider. The
maximum power output current is a function of
the package’s maximum power dissipation for a
given temperature.
The MP2016 uses external feedback, allowing
the user to set the output voltage with an external
resistor divider. The typical FB pin threshold is
1.23V.
The IC enters shutdown mode when SHDN is
low. In shutdown mode, the pass transistor,
control circuitry, reference and all biases turn off,
reducing the supply current to <2µA. Connect
SHDN
to IN for automatic startup.
The peak output current is limited to 50mA, which
exceeds the 30mA recommended continuous
output current. The output can be shorted to
ground for 30 seconds without damaging the part.
When the junction temperature is too high, the
thermal sensor sends a signal to the control logic
that will shutdown the IC. The IC will restart when
the temperature has sufficiently cooleds.
The maximum power dissipation is dependent on
the thermal resistance of the case and the circuit
board, the temperature difference between the
die junction and the ambient air, and the rate of
air flow. The GND pin and Exposed Pad must be
connected to the ground plane for proper
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com