Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599A Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6599A
Description  Improved high-voltage resonant controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6599A Datasheet HTML 4Page - STMicroelectronics L6599A Datasheet HTML 5Page - STMicroelectronics L6599A Datasheet HTML 6Page - STMicroelectronics L6599A Datasheet HTML 7Page - STMicroelectronics L6599A Datasheet HTML 8Page - STMicroelectronics L6599A Datasheet HTML 9Page - STMicroelectronics L6599A Datasheet HTML 10Page - STMicroelectronics L6599A Datasheet HTML 11Page - STMicroelectronics L6599A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Electrical data
L6599A
8/35
Doc ID 15308 Rev 7
4
Electrical data
4.1
Absolute maximum ratings
Note:
ESD immunity for pins 14, 15 and 16 is guaranteed up to 900 V.
4.2
Thermal data
Table 3.
Absolute maximum rating
Symbol
Pin
Parameter
Value
Unit
VBOOT
16
Floating supply voltage
-1 to 618
V
HVG
15
HVG voltage
VOUT -0.3 to VBOOT +0.3
V
VOUT
14
Floating ground voltage
-3 up to a value included
in the range VBOOT -18
and VBOOT
V
dVOUT /dt
14
Floating ground max. slew rate
50
V/ns
Vcc
12
IC supply voltage (Icc = 25 mA)
Self-limited
V
LVG
11
LVG voltage
-0.3 to VCC +0.3
V
VPFC_STOP
9
Maximum voltage (pin open)
-0.3 to Vcc
V
IPFC_STOP
9
Maximum sink current (pin low)
Self-limited
A
VLINEmax
7
Maximum pin voltage (Ipin
≤1 mA)
Self-limited
V
IRFmin
4
Maximum source current
2
mA
---
1 to 6, 8
Analog inputs and outputs
-0.3 to 5
V
Ptot
Power dissipation @TA = 70 °C (DIP16)
1
W
Power dissipation @TA = 50 °C (SO16)
0.83
Tj
Junction temperature operating range
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rth(JA)
Max. thermal resistance junction-to-ambient (DIP16)
80
°C/W
Max. thermal resistance junction-to-ambient (SO16)
120
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com