Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599A Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6599A
Description  Improved high-voltage resonant controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6599A Datasheet HTML 15Page - STMicroelectronics L6599A Datasheet HTML 16Page - STMicroelectronics L6599A Datasheet HTML 17Page - STMicroelectronics L6599A Datasheet HTML 18Page - STMicroelectronics L6599A Datasheet HTML 19Page - STMicroelectronics L6599A Datasheet HTML 20Page - STMicroelectronics L6599A Datasheet HTML 21Page - STMicroelectronics L6599A Datasheet HTML 22Page - STMicroelectronics L6599A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
L6599A
Application information
Doc ID 15308 Rev 7
19/35
Figure 24.
Burst mode implementation: a) narrow input voltage range; b) wide input
voltage range
Essentially, RFmax defines the switching frequency fmax above which the L6599A enters
burst mode operation. Once fmax is fixed, RFmax is found from the relationship:
Equation 3
Note that, unlike the fmax considered in the previous section (“Section 7.1: Oscillator“), here
fmax is associated to some load PoutB greater than the minimum one. PoutB is such that the
transformer peak currents are low enough not to cause audible noise.
Resonant converter switching frequency, however, depends also on the input voltage;
therefore, in the case of quite a large input voltage range with the circuit of
Figure 24a, the
value of PoutB would change considerably. In this case it is recommended to use the
arrangement shown in
Figure 24b, where the information on the converter input voltage is
added to the voltage applied to the STBY pin. Due to the strongly non-linear relationship
between switching frequency and input voltage, it is more practical to find empirically the
right amount of correction RA / (RA + RB) needed to minimize the change of PoutB. Make
sure to choose the total value RA + RB much greater than RC to minimize the effect on the
LINE pin voltage (see
Section 7.6: Line sensing function).
Whichever circuit is in use, its operation can be described as follows. As the load falls below
the value PoutB the frequency tries to exceed the maximum programmed value fmax and
the voltage on the STBY pin (VSTBY) goes below 1.24 V. The IC then stops with both gate-
drive outputs low, so that both MOSFETs of the half bridge leg are in OFF-state. The voltage
VSTBY now increases as a result of the feedback reaction to the energy delivery stop and, as
it exceeds 1.29 V, the IC restarts switching. After a while, VSTBY goes down again in
response to the energy burst and stops the IC. In this way, the converter works in a burst
mode fashion with a nearly constant switching frequency. A further load decrease then
causes a frequency reduction, which can go down even to few hundred hertz. The timing
diagram of
Figure 25 illustrates this kind of operation, showing the most significant signals.
A small capacitor (typically in the hundred pF) from the STBY pin to ground, placed as close
to the IC as possible to reduce switching noise pick-up, helps obtain clean operation.
To help the designer meet energy saving requirements even in power-factor-corrected
systems, where a PFC pre-regulator precedes the DC-DC converter, the L6599A allows that
the PFC pre-regulator can be turned off during burst mode operation, therefore eliminating
1
f
f
RF
8
3
RF
min
max
min
max
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com