Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6599A
Description  Improved high-voltage resonant controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599A Datasheet(HTML) 1 Page - STMicroelectronics

  L6599A Datasheet HTML 1Page - STMicroelectronics L6599A Datasheet HTML 2Page - STMicroelectronics L6599A Datasheet HTML 3Page - STMicroelectronics L6599A Datasheet HTML 4Page - STMicroelectronics L6599A Datasheet HTML 5Page - STMicroelectronics L6599A Datasheet HTML 6Page - STMicroelectronics L6599A Datasheet HTML 7Page - STMicroelectronics L6599A Datasheet HTML 8Page - STMicroelectronics L6599A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
January 2013
Doc ID 15308 Rev 7
1/35
35
L6599A
Improved high-voltage resonant controller
Datasheet
− production data
Features
■ 50% duty cycle, variable frequency control of
resonant half bridge
■ High-accuracy oscillator
■ Up to 500 kHz operating frequency
■ Two-level OCP: frequency-shift and latched
shutdown
■ Interface with PFC controller
■ Latched disable input
■ Burst mode operation at light load
■ Input for power-ON/OFF sequencing or
brownout protection
■ Non-linear soft-start for monotonic output
voltage rise
■ 600 V-rail compatible high-side gate driver with
integrated bootstrap diode and high dv/dt
immunity
■ -300/800 mA high-side and low-side gate
drivers with UVLO pull-down
■ DIP16, SO16N package
Applications
■ LCD and PDP TV
■ Desktop PC, entry-level server
■ Telecom SMPS
■ High efficiency industrial SMPS
■ AC-DC adapter, open frame SMPS
DIP16
SO16N
Table 1.
Device summary
Order code
Package
Packaging
L6599AN
DIP16
Tube
L6599AD
SO16N
Tube
L6599ADTR
SO16N
Tape and reel
www.st.com


Similar Part No. - L6599A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6599AF STMICROELECTRONICS-L6599AF Datasheet
959Kb / 32P
Very low temperature improved high voltage resonant controller
27-Aug-2015
L6599AFD STMICROELECTRONICS-L6599AFD Datasheet
959Kb / 32P
Very low temperature improved high voltage resonant controller
27-Aug-2015
L6599AFDTR STMICROELECTRONICS-L6599AFDTR Datasheet
959Kb / 32P
Very low temperature improved high voltage resonant controller
27-Aug-2015
L6599AT STMICROELECTRONICS-L6599AT Datasheet
977Kb / 32P
Improved high voltage resonant controller
29-Jul-2015
L6599ATD STMICROELECTRONICS-L6599ATD Datasheet
864Kb / 31P
Improved high-voltage resonant controller
30-Oct-2009
More results

Similar Description - L6599A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6598 STMICROELECTRONICS-L6598 Datasheet
114Kb / 16P
HIGH VOLTAGE RESONANT CONTROLLER
Feb-2000
L6599 STMICROELECTRONICS-L6599 Datasheet
635Kb / 36P
High-voltage resonant controller
15-May-2006
L6598 STMICROELECTRONICS-L6598_04 Datasheet
249Kb / 17P
HIGH VOLTAGE RESONANT CONTROLLER
Jun-2004
L6599_0807 STMICROELECTRONICS-L6599_0807 Datasheet
636Kb / 36P
High-voltage resonant controller
18-Jul-2006
L6599DTR STMICROELECTRONICS-L6599DTR Datasheet
639Kb / 36P
High-voltage resonant controller
11-Feb-2009
L6699DTR STMICROELECTRONICS-L6699DTR Datasheet
960Kb / 38P
Enhanced high voltage resonant controller
16-Jan-2013
E-L6598D013TR STMICROELECTRONICS-E-L6598D013TR Datasheet
367Kb / 24P
High voltage resonant controller
02-Oct-2009
L6599ATD STMICROELECTRONICS-L6599ATD Datasheet
864Kb / 31P
Improved high-voltage resonant controller
30-Oct-2009
L6599AF STMICROELECTRONICS-L6599AF Datasheet
959Kb / 32P
Very low temperature improved high voltage resonant controller
27-Aug-2015
L6599AT STMICROELECTRONICS-L6599AT Datasheet
977Kb / 32P
Improved high voltage resonant controller
29-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com