Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599A Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6599A
Description  Improved high-voltage resonant controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599A Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6599A Datasheet HTML 24Page - STMicroelectronics L6599A Datasheet HTML 25Page - STMicroelectronics L6599A Datasheet HTML 26Page - STMicroelectronics L6599A Datasheet HTML 27Page - STMicroelectronics L6599A Datasheet HTML 28Page - STMicroelectronics L6599A Datasheet HTML 29Page - STMicroelectronics L6599A Datasheet HTML 30Page - STMicroelectronics L6599A Datasheet HTML 31Page - STMicroelectronics L6599A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Application information
L6599A
28/35
Doc ID 15308 Rev 7
If the function is not used, the pin must be connected to a voltage greater than 1.24 V but
lower than 6 V (worst-case value of the 7 V threshold).
7.7
Bootstrap section
The supply of the floating high-side section is obtained by means of a bootstrap circuitry.
This solution normally requires a high-voltage fast recovery diode (DBOOT, Figure 31a) to
charge the bootstrap capacitor CBOOT. In the L6599A a patented integrated structure,
replaces this external diode. It is realized by means of a high-voltage DMOS, working in the
third quadrant and driven synchronously with the low-side driver (LVG), with a diode in
series to the source, as shown in
Figure 31b.
Figure 31.
Bootstrap supply: a) standard circuit; b) internal bootstrap synchronous
diode
The diode prevents any current being able to flow from the VBOOT pin back to Vcc, in case
the supply is quickly turned off when the internal capacitor of the pump is not fully
discharged. To drive the synchronous DMOS a voltage higher than the supply voltage Vcc is
necessary. This voltage is obtained by means of an internal charge pump (
Figure 31b).
The bootstrap structure introduces a voltage drop while recharging CBOOT (i.e. when the
low-side driver is on), which increases with the operating frequency and with the size of the
external Power MOSFET. It is the sum of the drop across the R(DS)ON and the forward drop
across the series diode. At low frequency this drop is very small and can be neglected but,
as the operating frequency increases, it must be taken into account. In fact, the drop
reduces the amplitude of the driving signal and can significantly increase the R(DS)ON of the
external high-side MOSFET and then its conductive loss.
This concern applies to converters designed with a high resonance frequency (indicatively,
> 150 kHz), so that they run at high frequency also at full load. Otherwise, the converter runs
at high frequency at light load, where the current flowing in the MOSFETs of the half bridge
leg is low, so that, generally, an R(DS)ON rise is not an issue. However, it is wise to check this
point anyway and the following equation is useful to compute the drop on the bootstrap
driver:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com