Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2115DQ Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2115DQ
Description  2A Synchronous Step-Down Converter with Programmable Input Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2115DQ Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2115DQ Datasheet HTML 3Page - Monolithic Power Systems MP2115DQ Datasheet HTML 4Page - Monolithic Power Systems MP2115DQ Datasheet HTML 5Page - Monolithic Power Systems MP2115DQ Datasheet HTML 6Page - Monolithic Power Systems MP2115DQ Datasheet HTML 7Page - Monolithic Power Systems MP2115DQ Datasheet HTML 8Page - Monolithic Power Systems MP2115DQ Datasheet HTML 9Page - Monolithic Power Systems MP2115DQ Datasheet HTML 10Page - Monolithic Power Systems MP2115DQ Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP2115 – 2A, 6V SYNCHRONOUS STEP-DOWN CONVERTER
MP2115 Rev. 1.0
www.MonolithicPower.com
9
2/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output Voltage Setting
The external resistor divider sets the output
voltage (see Typical Application Circuit on page
1). The feedback resistor (R1) also sets the
feedback loop bandwidth with the internal
compensation capacitor (see Figure 1-Function
Block Diagram).
Choose R1 around 500kΩ for optimal transient
response. R2 is then given by:
1
V
6
.
0
V
1
R
2
R
OUT −
=
Table 2—Resistor Selection vs. Output
Voltage Setting
VOUT
R1
R2
1.2V
51kΩ (1%)
51kΩ (1%)
1.5V
51kΩ (1%)
34kΩ (1%)
1.8V
51kΩ (1%)
25.5kΩ (1%)
2.5V
51kΩ (1%)
16kΩ (1%)
3.8V
51kΩ (1%)
9.53Ω(1%)
Inductor Selection
A 1µH to 10µH inductor with DC current rating at
least 25% higher than the maximum load current
is recommended for most applications. For best
efficiency, the inductor DC resistance shall be
<200mΩ. See Table 3 for recommended
inductors and manufacturers. For most designs,
the inductance value can be derived from the
following equation:
()
OSC
L
IN
OUT
IN
OUT
f
I
V
V
V
V
1
L
×
∆
×
−
×
=
Where ∆IL is the Inductor Ripple Current. Choose
inductor ripple current approximately 30% of the
maximum load current, 2.5A.
The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
∆
+
=
Under light load conditions below 100mA, larger
inductance
is
recommended
for
improved
efficiency. Table 4 lists inductors recommended
for this purpose.
Table 3—Suggested Surface Mount Inductors
Manufacturer
Part Number
Inductance (µH)
Max DCR (Ω)
Saturation
Current (A)
Dimensions
LxWxH (mm
3)
Coilcraft
D63CB
4.7
0.026
2
6.3X6.3X3.5
Toko
D53LC
4.7
0.026
2
6.3X6.3X3.5
Sumida
CDC5D23B
4.7
0.062
1.6
6.0X6.0X2.5
Table 4—Inductors for Improved Efficiency at 25mA, 50mA, under 100mA Load.
Manufacturer
Part Number
Inductance (µH)
Max DCR (Ω)
Saturation
Current (A)
IRMS (A)
Coilcraft
DO1605T-103MX
10
0.3
1.0
0.9
Murata
LQH4C100K04
10
0.2
1.2
0.8
Sumida
CR32-100
10
0.2
1.0
0.7
Sumida
CR54-100
10
0.1
1.2
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com