Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2115DQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2115DQ
Description  2A Synchronous Step-Down Converter with Programmable Input Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2115DQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2115DQ Datasheet HTML 1Page - Monolithic Power Systems MP2115DQ Datasheet HTML 2Page - Monolithic Power Systems MP2115DQ Datasheet HTML 3Page - Monolithic Power Systems MP2115DQ Datasheet HTML 4Page - Monolithic Power Systems MP2115DQ Datasheet HTML 5Page - Monolithic Power Systems MP2115DQ Datasheet HTML 6Page - Monolithic Power Systems MP2115DQ Datasheet HTML 7Page - Monolithic Power Systems MP2115DQ Datasheet HTML 8Page - Monolithic Power Systems MP2115DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2115
2A Synchronous Step-Down Converter
with Programmable Input Current Limit
MP2115 Rev. 1.0
www.MonolithicPower.com
1
2/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2115 is a high frequency, current mode,
PWM step-down converter with integrated input
current limit switch. The step-down converter
integrates a main switch and a synchronous
rectifier for high efficiency without an external
Schottky diode. The input average current limit
can be externally programmed. It is ideal for
powering portable equipment that is powered
by an USB port. The MP2115 can supply 2A of
load current from a 2.8V to 6V input voltage.
The output voltage can be regulated as low as
0.6V.
The MP2115 is available in a space-saving
10-pin QFN package.
FEATURES
• High Efficiency: Up to 92%
• Programmable Switching Frequency from
0.7MHz-2MHz
• Programmable Input Current Limit
• 2A Available Load Current
• 2.8V to 6V Input Voltage Range
• Output Voltage as Low as 0.6V
• Current Mode Control
• Power Good Indicator
• Short Circuit Protection
• Thermal Fault Protection
• <0.1µA Shutdown Current
• Space Saving 3mm x 3mm QFN10 Package
APPLICATIONS
• USB Powered Devices
• Cellular and Smart Phones
• Microprocessors and DSP Core Supplies
• PDAs
• MP3 Players
• Digital Still and Video Cameras
• Portable Instruments
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
R4
100k
R3
100k
6TPE470MI x 3
USB Input
VIN
VSYS
AGND
FB
SW
EN
PG
MP2115DQ
U1
1
8
4
3
7
9
R6
86.6k
C5
220pF
3.8V/2A
R5
24.9k
R1
51k
R2
9.53k
VSYS
PG
EN
VOUT
Efficiency
VOUT=3.8V, Freq=1.5MHz
50
60
70
80
90
100
0.0 0.1
0.2
0.3
0.4
0.5
0.6
LOAD CURRENT ( A )
VIN=5.0V
VIN=5.5V


Similar Part No. - MP2115DQ

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP2115-BK1-55 MULTICOMP-MP2115-BK1-55 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
MP2115-CL1-55 MULTICOMP-MP2115-CL1-55 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
MP2115-GY1-55 MULTICOMP-MP2115-GY1-55 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
More results

Similar Description - MP2115DQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3606B LINER-LTC3606B Datasheet
319Kb / 20P
800mA Synchronous Step-Down DC/DC with Average Input Current Limit
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
2A, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP2493 MPS-MP2493 Datasheet
1Mb / 12P
2A, 36V, Low EMI Step-Down Converter with Programmable Output Current Limit
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
2A Step-Down Converter with Adjustable Input Current Limit
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1605 MPS-MP1605 Datasheet
1Mb / 18P
2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
logo
MPS Industries, Inc.
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com