Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2115DQ Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2115DQ
Description  2A Synchronous Step-Down Converter with Programmable Input Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2115DQ Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2115DQ Datasheet HTML 3Page - Monolithic Power Systems MP2115DQ Datasheet HTML 4Page - Monolithic Power Systems MP2115DQ Datasheet HTML 5Page - Monolithic Power Systems MP2115DQ Datasheet HTML 6Page - Monolithic Power Systems MP2115DQ Datasheet HTML 7Page - Monolithic Power Systems MP2115DQ Datasheet HTML 8Page - Monolithic Power Systems MP2115DQ Datasheet HTML 9Page - Monolithic Power Systems MP2115DQ Datasheet HTML 10Page - Monolithic Power Systems MP2115DQ Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP2115 – 2A, 6V SYNCHRONOUS STEP-DOWN CONVERTER
MP2115 Rev. 1.0
www.MonolithicPower.com
10
2/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Input Capacitor Selection
The input capacitor (C1) reduces the surge
current drawn from the input and switching
noise from the device. The input capacitor
impedance at the switching frequency must be
less than input source impedance to prevent
high frequency switching current passing to the
input. Ceramic capacitors with X5R or X7R
dielectrics are highly recommended because of
their
low
ESR
and
small
temperature
coefficients. For most applications, a 10µF
capacitor is sufficient.
VSYS Capacitor Selection
The VSYS capacitor C2 is used to supply the
USB port and with the peak output current,
such as during the TDM frame. That output
peak current is about 2A. Use three 470µF
capacitors to avoid large voltage drops.
Output Capacitor Selection
The output capacitor (C4) keeps output voltage
ripple small and ensures regulation loop stable.
The output capacitor impedance should remain
low at the switching frequency. Ceramic
capacitors with X5R or X7R dielectrics are
recommended. The output ripple ∆VOUT is
approximately:
(
)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
×
×
−
×
≤
∆
2
C
f
8
1
ESR
L
f
V
V
V
V
V
OSC
OSC
IN
OUT
IN
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com