Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2115DQ Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2115DQ
Description  2A Synchronous Step-Down Converter with Programmable Input Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2115DQ Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2115DQ Datasheet HTML 3Page - Monolithic Power Systems MP2115DQ Datasheet HTML 4Page - Monolithic Power Systems MP2115DQ Datasheet HTML 5Page - Monolithic Power Systems MP2115DQ Datasheet HTML 6Page - Monolithic Power Systems MP2115DQ Datasheet HTML 7Page - Monolithic Power Systems MP2115DQ Datasheet HTML 8Page - Monolithic Power Systems MP2115DQ Datasheet HTML 9Page - Monolithic Power Systems MP2115DQ Datasheet HTML 10Page - Monolithic Power Systems MP2115DQ Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MP2115 – 2A, 6V SYNCHRONOUS STEP-DOWN CONVERTER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2115 Rev. 1.0
www.MonolithicPower.com
11
2/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN10 (3mm x 3mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com