Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2116 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2116
Description  2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2116 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2116 Datasheet HTML 1Page - Monolithic Power Systems MP2116 Datasheet HTML 2Page - Monolithic Power Systems MP2116 Datasheet HTML 3Page - Monolithic Power Systems MP2116 Datasheet HTML 4Page - Monolithic Power Systems MP2116 Datasheet HTML 5Page - Monolithic Power Systems MP2116 Datasheet HTML 6Page - Monolithic Power Systems MP2116 Datasheet HTML 7Page - Monolithic Power Systems MP2116 Datasheet HTML 8Page - Monolithic Power Systems MP2116 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP2116 –2A, 6V, 100% DUTY CYCLE SYNCHROOUS STEP-DOWN CONVERTER WITH 0.5A LDO
MP2116 Rev.1.0
www.MonolithicPower.com
2
1/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Temperature
MP2116DQ
QFN10
(3mm x 3mm)
P4
–40
°C to +85°C
For Tape & Reel, add suffix –Z (eg. MP2116DQ–Z)
For Lead Free, add suffix –LF (EG. MP2116DQ–LF–Z)
PACKAGE REFERENCE
1
2
3
4
5
10
9
8
7
6
ABSOLUTE MAXIMUM RATINGS (1)
IN1, OUT1/2 to GND..................–0.3V to + 6.5V
IN2 to GND .........................–0.3V to VIN1 + 0.3V
SW1 to GND .......................–0.3V to VIN1 + 0.3V
...........(-2.5V<VSW1<+8.5V Transient <50ns)
PWROK to GND .........................–0.3V to +6.5V
FB1/2, EN1/2 to GND .................–0.3V to +6.5V
Operating Temperature............. –40°C to +85°C
Continuous Power Dissipation
(TA = +25°C)
(2)
……………………………………………….2.5W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature ............. –65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN1............................2.5V to 6V
Supply Voltage VIN2.......................... 1.0V to VIN1
Output Voltage VOUT__ ........................0.6V to 6V
Operating Temperature............. –40°C to +85°C
Thermal Resistance
(4)
θJA
θJC
QFN10 (3mm x 3mm) .............50 ...... 12 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on approximately 1” square of 1 oz copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com