Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2116 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2116
Description  2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2116 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2116 Datasheet HTML 5Page - Monolithic Power Systems MP2116 Datasheet HTML 6Page - Monolithic Power Systems MP2116 Datasheet HTML 7Page - Monolithic Power Systems MP2116 Datasheet HTML 8Page - Monolithic Power Systems MP2116 Datasheet HTML 9Page - Monolithic Power Systems MP2116 Datasheet HTML 10Page - Monolithic Power Systems MP2116 Datasheet HTML 11Page - Monolithic Power Systems MP2116 Datasheet HTML 12Page - Monolithic Power Systems MP2116 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP2116 –2A, 6V, 100% DUTY CYCLE SYNCHROOUS STEP-DOWN CONVERTER WITH 0.5A LDO
MP2116 Rev.1.0
www.MonolithicPower.com
11
1/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output Voltage Setting
The external resistor divider sets the output
voltage. The feedback resistor R1 of the switcher
also sets the feedback loop bandwidth with the
internal compensation capacitor (see Figure1).
Choose R1 feedback resistor of the switcher
between 450kΩ and 800kΩ for optimal transient
response. R2 is then given by:
OUT1
R1
R2
V
1
0.6V
=
−
See Table1 for recommended R1 & R2 resistor
values.
Choose R4 of the LDO between 10kΩ and
100kΩ. R3 is then given by:
OUT2
V
R3 R4 (
1)
0.6V
=×
−
Table 1—Resistor Selection vs. Output
Voltage Setting
VOUT
R1
R2
1.2V
499k
Ω (1%)
499k
Ω (1%)
1.5V
499k
Ω (1%)
332k
Ω (1%)
1.8V
499k
Ω (1%)
249k
Ω (1%)
2.5V
499k
Ω (1%)
158k
Ω (1%)
Inductor Selection
A 1μH to 10μH inductor with DC current rating
at least 25% higher than the maximum load
current is recommended for most applications.
For best efficiency, the inductor DC resistance
shall
be
<100mΩ.
See
Table
2
for
recommended inductors and manufacturers.
For most designs, the inductance value can be
derived from the following equation:
()
OSC
L
IN
OUT
IN
OUT
f
I
V
V
V
V
L
×
Δ
×
−
×
=
Where ΔIL is inductor ripple current. Choose
inductor ripple current approximately 30% of the
maximum load current, up to 2A.
The maximum inductor peak current is:
L
L(MAX)
LOAD(MAX)
I
II
2
Δ
=+
Switcher Input Capacitor CIN1 Selection
The input capacitor reduces the surge current
drawn from the input and switching noise from
the device. The input capacitor impedance at
the switching frequency shall be less than input
source impedance to prevent high frequency
switching current passing to the input. Ceramic
capacitors with X5R or X7R dielectrics are
highly recommended because of their low ESR
and small temperature coefficients. For most
applications,
a
10μF~22μF
capacitor
is
sufficient.
Switcher Output Capacitor CO1 Selection
The output capacitor keeps output voltage
ripple small and ensures regulation loop stable.
The output capacitor impedance shall be low at
the switching frequency. Ceramic capacitors
with X5R or X7R dielectrics are recommended.
For most applications, a 22μF~47μF capacitor
is sufficient.
The output ripple ΔVOUT is approximately:
(
)
OUT1
IN1
OUT1
OUT1
IN1
OSC
OSC
O1
VV
V
1
V
ESR
Vf
L
8 f
C
×−
⎛⎞
Δ≤
×
+
⎜⎟
××
××
⎝⎠
Table 2—Suggested Surface Mount Inductors
Manufacturer
Part Number
Inductance (uH)
Max DCR
(mΩ)
Saturation
Current (A)
Dimensions
L x W x H (mm3)
TOKO
D62LCB
1.0
17
3.5
6.2 X6.3 X 2.0
SUMIDA
CDRH4D28C
1.0
17.5
3.0
5.1 X 5.1 X 3
DELTA
SIL525-1R0
1.0
38
3.2
5.0 X 5.0 X 2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com