Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2116 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2116
Description  2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2116 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2116 Datasheet HTML 1Page - Monolithic Power Systems MP2116 Datasheet HTML 2Page - Monolithic Power Systems MP2116 Datasheet HTML 3Page - Monolithic Power Systems MP2116 Datasheet HTML 4Page - Monolithic Power Systems MP2116 Datasheet HTML 5Page - Monolithic Power Systems MP2116 Datasheet HTML 6Page - Monolithic Power Systems MP2116 Datasheet HTML 7Page - Monolithic Power Systems MP2116 Datasheet HTML 8Page - Monolithic Power Systems MP2116 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP2116
2A, 6V, 100% Duty Cycle Synchronous
Step-Down Converter with 0.5A LDO
MP2116 Rev.1.0
www.MonolithicPower.com
1
1/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2116 is an internally compensated
1.25MHz, 2A synchronous step-down switching
DC-DC converter plus a standalone low-input
voltage, 0.5A low dropout (LDO) linear regulator.
It is ideal for powering portable equipment that
operates from a single cell Lithium-Ion (Li+)
Battery. The MP2116 can provide up to 2A to
the switcher output, and 0.5A load current to
the LDO output from a 2.5V to 6V input voltage.
Both output voltages can be regulated as low
as 0.6V.
The
2A
Synchronous
switcher
features
integrated high-side and low-side switch for
high efficiency and small footprint. With peak
current mode control and internal compensation,
the MP2116 is stable with ceramic capacitors.
Fault condition protection includes cycle-by-
cycle current limiting and thermal shutdown.
The standalone low-input voltage 0.5A LDO is
used to power noise sensitive circuitry. The
LDO’s separate input supply pin (IN2) can be
connected to the switcher output to reduce
power dissipation and noise from the main
switcher.
MP2116 is available in the small 10-pin
3mmx3mm QFN package.
FEATURES
• 100% Duty Cycle Low Dropout Operation
(High-Side PFET)
• 2A Switcher Output Current at VIN=3V
• Internal Power MOSFET Switches
• Stable with Ceramic Capacitors
• Up to 95% Efficiency for Switcher
• 1.25MHz Switching Frequency
• Internal Soft-start for Switcher
• 2.5V to 6V Input Range, for Switcher
• 1V to VIN1 Input Range, for LDO
• 0.5A LDO Output Current
• 1μA Shutdown Current
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Short Circuit Protection
• Power OK Output
• Available in 10-Pin QFN Package
APPLICATIONS
• DVD+/-RW Drives
• Smart Phones
• PDAs
• Digital Cameras
• Portable Instruments
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2116
FB1
EN1
IN1
SW1
IN2
5
9
8
7
10
1
2
3
4
6
FB2
EN2
PWROK
OUT2
GND
OUT2
1.2V @ 0.5A
POWER OK
*OUT1
1.8V @ 1.5A
R1
499k
Ω
R2
249k
Ω
R3
60k
Ω
R4
60k
Ω
R5
500k
Ω
CO2
4.7
μF
CIN1
10
μF
L
* IOUT1+IOUT2=2A
CO1
22
μF
OFF ON
VIN
2.5V - 6V
CIN2
2.2
μF
100
90
80
70
60
50
40
30
20
10
0
10
100
10000
1000
LOAD CURRENT (mA)
Efficiency vs
Load Current
VIN=3.3V
VOUT=1.8V
VIN=5.0V
VIN=4.0V


Similar Part No. - MP2116

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2110GQ MPS-MP2110GQ Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
1MHz, 1A Synchronous Step-Down Converter
MP2112DQ MPS-MP2112DQ Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
MP2112DQ MPS-MP2112DQ Datasheet
278Kb / 8P
1MHz, 1A Synchronous Step-Down Converter
More results

Similar Description - MP2116

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341 AMSCO-AS1341_1 Datasheet
925Kb / 17P
20V, 600mA, 100% Duty Cycle, Step-Down Converter
logo
Monolithic Power System...
MP2119 MPS-MP2119 Datasheet
466Kb / 12P
2A, 6V Synchronous Step-Down Switching Regulator
MP2127 MPS-MP2127 Datasheet
255Kb / 11P
2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
logo
ON Semiconductor
NCV890430 ONSEMI-NCV890430 Datasheet
160Kb / 9P
Duty Cycle Step-Down Synchronous Regulator
June, 2015 ??Rev. P3
logo
Monolithic Power System...
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
MPM3820 MPS-MPM3820 Datasheet
1Mb / 17P
6V Input, 2A Module Synchronous Step-Down Converter with Integrated Inductor
logo
Richtek Technology Corp...
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
RT8097D RICHTEK-RT8097D Datasheet
475Kb / 16P
2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com