Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2116 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2116
Description  2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2116 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2116 Datasheet HTML 5Page - Monolithic Power Systems MP2116 Datasheet HTML 6Page - Monolithic Power Systems MP2116 Datasheet HTML 7Page - Monolithic Power Systems MP2116 Datasheet HTML 8Page - Monolithic Power Systems MP2116 Datasheet HTML 9Page - Monolithic Power Systems MP2116 Datasheet HTML 10Page - Monolithic Power Systems MP2116 Datasheet HTML 11Page - Monolithic Power Systems MP2116 Datasheet HTML 12Page - Monolithic Power Systems MP2116 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP2116 –2A, 6V, 100% DUTY CYCLE SYNCHROOUS STEP-DOWN CONVERTER WITH 0.5A LDO
MP2116 Rev.1.0
www.MonolithicPower.com
12
1/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication
© 2013 MPS. All Rights Reserved.
Thermal Dissipation
Power dissipation shall be considered when
both channels of the MP2116 provide maximum
2A switcher output current and 0.5A LDO
output current to the loads at high ambient
temperature. If the junction temperature rises
above 150
°C, the MP2116 two channels will be
shut down.
The junction-to-ambient thermal resistance of
the 10-pin QFN (3mm x 3mm) RΘJA is 50°C/W.
The maximum power dissipation is about 1.6W
when the MP2116 is operating in a 70
°C
ambient temperature environment.
W
6
.
1
W
/
C
50
C
70
C
150
PD
o
o
o
MAX
=
−
=
PC Board Layout
The high current paths (GND, IN1/IN2 and SW1)
should be placed very close to the device with
short, direct and wide traces. Input capacitors
should be placed as close as possible to the
respective IN and GND pins. The external
feedback resistors shall be placed next to the
FB pins. Keep the switching nodes SW1 short
and away from the feedback network
TYPICAL APPLICATION CIRCUITS
MP2116
FB1
EN1
IN1
SW1
IN2
5
9
8
7
10
1
2
3
4
6
FB2
EN2
PWROK
OUT2
GND
OUT2
OPTIONAL
POWER OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com