Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2227 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2227
Description  24V, 3A, 1.3MHz Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2227 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2227 Datasheet HTML 1Page - Monolithic Power Systems MP2227 Datasheet HTML 2Page - Monolithic Power Systems MP2227 Datasheet HTML 3Page - Monolithic Power Systems MP2227 Datasheet HTML 4Page - Monolithic Power Systems MP2227 Datasheet HTML 5Page - Monolithic Power Systems MP2227 Datasheet HTML 6Page - Monolithic Power Systems MP2227 Datasheet HTML 7Page - Monolithic Power Systems MP2227 Datasheet HTML 8Page - Monolithic Power Systems MP2227 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP2227 – 24V, 3A, 1.3MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2227 Rev. 1.1
www.MonolithicPower.com
3
11/21/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN=12V, TA = +25C, unless otherwise noted.
Parameters
Condition
Min
Typ
Max
Units
Quiescent Supply Current
VEN = HIGH
VFB = 0.85V, not switching
1
mA
Shutdown Current
VEN = 0V
1
μA
VCC Under Voltage Lockout Threshold
Rising Edge
2.7
2.95
V
VCC Under Voltage Lockout Hysteresis
300
mV
IN Under Voltage Lockout Threshold,
Rising Edge
2.85
2.95
V
IN Under Voltage Lockout Hysteresis
300
mV
TA = +25°C
0.784
0.800
0.816
V
Regulated FB Voltage
-40°C ≤ TA ≤ +85°C
0.780
0.820
V
FB Input Current
VFB = 0.85V
-50
50
nA
EN High Threshold
-40°C ≤ TA ≤ +85°C
1.6
V
EN Low Threshold
-40°C ≤ TA ≤ +85°C
0.4
V
High-Side Switch On-Resistance
ISW = 300mA
160
mΩ
Low-Side Switch On-Resistance
ISW = –300mA
80
mΩ
SW Leakage Current
VEN = 0V; VIN = 12V
VSW = 0V or 12V
-1
1
μA
BS Under Voltage Lockout Threshold
1.8
V
High-Side Switch Current Limit
Sourcing
4.5
A
Low-Side Switch Current Limit
Sinking
2.5
A
Oscillator Frequency
1
1.3
1.6
MHz
Maximum Synch Frequency
2
MHz
Minimum Synch Frequency
1
MHz
Minimum On Time
50
ns
Maximum Duty Cycle
90
%
POK Upper Trip Threshold
FB respect to the nominal value
10
%
POK Lower Trip Threshold
FB respect to the nominal value
-10
%
POK Output Voltage Low
ISINK = 5mA
0.4
V
POK Deglitch Timer
40
μs
SYNC_Input High Level
VCC = 5V, Source 5mA
4.6
V
SYNC_Input Low Level
VCC = 5V, Sink 5mA
0.4
V
Thermal Shutdown Threshold
Hysteresis = 20°C
150
°C
Note:
5) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com