Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2227 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2227
Description  24V, 3A, 1.3MHz Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2227 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2227 Datasheet HTML 1Page - Monolithic Power Systems MP2227 Datasheet HTML 2Page - Monolithic Power Systems MP2227 Datasheet HTML 3Page - Monolithic Power Systems MP2227 Datasheet HTML 4Page - Monolithic Power Systems MP2227 Datasheet HTML 5Page - Monolithic Power Systems MP2227 Datasheet HTML 6Page - Monolithic Power Systems MP2227 Datasheet HTML 7Page - Monolithic Power Systems MP2227 Datasheet HTML 8Page - Monolithic Power Systems MP2227 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP2227
24V, 3A, 1.3MHz Synchronous
Step-Down Converter
MP2227 Rev. 1.1
www.MonolithicPower.com
1
11/21/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2227 is an internally compensated
1.3MHz fixed frequency PWM synchronous
step-down regulator. MP2227 operates from a
3V to 24V input and generates an adjustable
output voltage from 0.8V to 0.9xVIN at up to 3A
load current.
The MP2227 integrates a 160mΩ high-side
switch and an 80mΩ synchronous rectifier for
high efficiency without an external Schottky
diode. With peak current mode control and
internal compensation, it is stable with an
output ceramic capacitor and a small inductor.
Fault protection includes hiccup short-circuit
protection, cycle-by-cycle current limiting and
thermal shutdown. Other features include
frequency synchronization and soft-start.
The MP2227 is available in a small 3mm x 3mm
10-lead QFN package.
FEATURES
 3A Output Current
 Input Supply Range: 3V to 24V
 160mΩ high-side, 80mΩ low-side Internal
Power MOSFET Switches
 All Ceramic Output Capacitor Design
 Up to 95% Efficiency
 1.3MHz Fixed Switching Frequency
 Adjustable Output from 0.8V to 0.9xVIN
 Internal LDO for VCC supply
 1MHz to 2MHz Frequency Synchronization
 POK
 Thermal Shutdown
 Cycle-by-Cycle Current Limiting
 Hiccup Short Circuit Protection
 10-lead, 3mm x 3mm QFN Package
APPLICATIONS
 µP/ASIC/DSP/FPGA Core and I/O Supplies
 Printers and LCD TVs
 Network and Telecom Equipment
 Point of Load Regulators
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
Efficiency
VIN=12V, VOUT=5V
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT ( A )


Similar Part No. - MP2227

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2224 MPS-MP2224 Datasheet
1Mb / 19P
High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
MP2224GJ MPS-MP2224GJ Datasheet
1Mb / 19P
High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
MP2225DJ MPS-MP2225DJ Datasheet
191Kb / 5P
High-Efficiency, 5A, 18V, 500kHz Sync. Step-Down Switch Evaluation Board
MP2225GJ MPS-MP2225GJ Datasheet
935Kb / 20P
High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
More results

Similar Description - MP2227

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6657 EXAR-XRP6657 Datasheet
1Mb / 11P
1.5A 1.3MHz Synchronous Step Down Converter
logo
Richtek Technology Corp...
RT8299 RICHTEK-RT8299 Datasheet
287Kb / 15P
3A, 24V, 500kHz Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7311 ANPEC-APW7311 Datasheet
261Kb / 16P
3A 24V 1.3MHz synchronous Buck Converter
logo
Exar Corporation
XRP6657 EXAR-XRP6657_12 Datasheet
925Kb / 11P
1.5A 1.3MHz Synchronous Step Down Converter
logo
Eutech Microelectronics...
EUP3284 EUTECH-EUP3284 Datasheet
107Kb / 1P
3A, 24V, 340KHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2325 MPS-MP2325 Datasheet
1Mb / 17P
High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
MP92325 MPS-MP92325 Datasheet
725Kb / 16P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
logo
Eutech Microelectronics...
EUP3484S EUTECH-EUP3484S Datasheet
783Kb / 11P
3A, 24V, 340KHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com