Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2227 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2227
Description  24V, 3A, 1.3MHz Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2227 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2227 Datasheet HTML 1Page - Monolithic Power Systems MP2227 Datasheet HTML 2Page - Monolithic Power Systems MP2227 Datasheet HTML 3Page - Monolithic Power Systems MP2227 Datasheet HTML 4Page - Monolithic Power Systems MP2227 Datasheet HTML 5Page - Monolithic Power Systems MP2227 Datasheet HTML 6Page - Monolithic Power Systems MP2227 Datasheet HTML 7Page - Monolithic Power Systems MP2227 Datasheet HTML 8Page - Monolithic Power Systems MP2227 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP2227 – 24V, 3A, 1.3MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2227 Rev. 1.1
www.MonolithicPower.com
4
11/21/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
FB
Feedback. This is the input to the error amplifier. An external resistive divider connected
between the output and GND is compared to the internal 0.8V reference to set the
regulation voltage.
2
POK
Open Drain Power Good Output. “HIGH” output indicates VOUT is within ±10% window.
“LOW” output indicates VOUT is out of ±10% window. POK is pulled down in shutdown.
3
IN
Input Supply. This supplies power to the high side switch. A decoupling capacitor to ground
is required close to this pin to reduce switching spikes.
4, 5
GND
Ground. Connect these pins with larger copper areas to the negative terminals of the input
and output capacitors.
6,7
SW
Switch Node Connection to the Inductor. These pins connect to the internal high and low-
side power MOSFET switches. All SW pins must be connected together externally.
8
BST
Bootstrap. A capacitor between this pin and SW provides a floating supply for the high-side
gate driver.
9
VCC
Bias Supply. Provide 5V to this pin when the input voltage is less than 5V. Otherwise it
does not need external supply. This supplies power to both the internal control circuit and
the gate drivers. A decoupling capacitor to ground is required close to this pin.
10
EN/SYNC
Enable and Frequency Synchronization Input Pin. Forcing this pin below 0.4V shuts down
the part. Forcing this pin above 1.6V turns on the part. Applying a 1MHz to 2MHz clock
signal to this pin synchronizes the internal oscillator frequency to the external source. To
enable the device, connect this pin to VIN through a 100kΩ resistor. When VIN is less than
5V and VCC is externally biased, this pin can also be connected to VCC through a 100kΩ
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com