Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2227 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2227
Description  24V, 3A, 1.3MHz Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2227 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2227 Datasheet HTML 5Page - Monolithic Power Systems MP2227 Datasheet HTML 6Page - Monolithic Power Systems MP2227 Datasheet HTML 7Page - Monolithic Power Systems MP2227 Datasheet HTML 8Page - Monolithic Power Systems MP2227 Datasheet HTML 9Page - Monolithic Power Systems MP2227 Datasheet HTML 10Page - Monolithic Power Systems MP2227 Datasheet HTML 11Page - Monolithic Power Systems MP2227 Datasheet HTML 12Page - Monolithic Power Systems MP2227 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP2227 – 24V, 3A, 1.3MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2227 Rev. 1.1
www.MonolithicPower.com
12
11/21/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Table 2—Suggested Surface Mount Inductors
Manufacturer
Part Number
Inductance
(μH)
Max DCR
(mΩ)
Current Rating
(A)
Dimensions
L x W x H (mm
3)
Wurth Electronics
744310055
0.55
4.5
14
7×6.9×3
744310095
0.95
7.4
11
7×6.9×3
TOKO
B1015AS-1R0N
1
11
6.9
8.4×8.3×4
Output Capacitor Selection
The output capacitor keeps output voltage ripple
small and ensures regulation loop stable. The
output capacitor impedance shall be low at the
switching frequency. Ceramic capacitors with
X5R or X7R dielectrics are recommended. If
electrolytic capacitor is used, pay attention to
output ripple voltage, extra heating, and the
selection of feedback resistor R1 (refer to “Output
Voltage Setting” section) due to large ESR of
electrolytic capacitor. The output ripple ∆VOUT is
approximately:
OUT
IN
OUT
OUT
IN
OSC
OSC
Vx(V
V
)
1
V
x(ESR
)
V xf
xL
8xf
xC3

PC Board Layout
The high current paths (GND, IN and SW) should
be placed very close to the device with short,
direct and wide traces. A 0.1μF-1μF ceramic is
recommended for VCC supply. C5 must be
placed as close as possible to “VCC” pin and
“GND” pin. The external feedback resistors shall
be placed next to the FB pin. Keep the switching
node SW short and away from the feedback
network. Please see EV2227EQ datasheet for
detailed info.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com