Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3891 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3891
Description  LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3891 Datasheet(HTML) 3 Page - Texas Instruments

  LP3891 Datasheet HTML 1Page - Texas Instruments LP3891 Datasheet HTML 2Page - Texas Instruments LP3891 Datasheet HTML 3Page - Texas Instruments LP3891 Datasheet HTML 4Page - Texas Instruments LP3891 Datasheet HTML 5Page - Texas Instruments LP3891 Datasheet HTML 6Page - Texas Instruments LP3891 Datasheet HTML 7Page - Texas Instruments LP3891 Datasheet HTML 8Page - Texas Instruments LP3891 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LP3891
www.ti.com
SNVS235D – SEPTEMBER 2003 – REVISED APRIL 2013
ABSOLUTE MAXIMUM RATINGS
(1)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/Distributors for
availability and specifications.
VALUE / UNITS
Storage Temperature Range
−65°C to +150°C
Lead Temp. (Soldering, 5 seconds)
260°C
ESD Rating
Human Body Model (2)
2 kV
Machine Model (3)
200V
Power Dissipation (4)
Internally Limited
VIN Supply Voltage (Survival)
−0.3V to +6V
VBIAS Supply Voltage (Survival)
−0.3V to +7V
Shutdown Input Voltage (Survival)
−0.3V to +7V
IOUT (Survival)
Internally Limited
Output Voltage (Survival)
−0.3V to +6V
Junction Temperature
−40°C to +150°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Operating ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For specifications, see Electrical
Characteristics. Specifications do not apply when operating the device outside of its rated operating conditions.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5k resistor into each pin.
(3)
The machine model is a 220 pF capacitor discharged directly into each pin. The machine model ESD rating of pin 5 is 100V.
(4)
At elevated temperatures, device power dissipation must be derated based on package thermal resistance and heatsink thermal values.
θJ-A for TO-220 devices is 65°C/W if no heatsink is used. If the TO-220 device is attached to a heatsink, a θJ-S value of 4°C/W can be
assumed.
θJ-A for TO-263 devices is approximately 40°C/W if soldered down to a copper plane which is at least 1.5 square inches in
area.
θJ-A value for typical SO PowerPAD-8 PC board mounting is 166°C/W. If power dissipation causes the junction temperature to
exceed specified limits, the device will go into thermal shutdown.
RECOMMENDED OPERATING CONDITIONS
VALUE / UNITS
VIN
(VOUT + VDO) to 5.5V
Shutdown
0 to +6V
IOUT
0.8A
Junction Temperature
−40°C to +125°C
VBIAS
4.5V to 6V
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com